Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC031AVEC Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC031AVEC
Description  SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC031AVEC Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button CLC031AVEC Datasheet HTML 12Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 13Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 14Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 15Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 16Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 17Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 18Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 19Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Device Operation (Continued)
TEST PATTERN GENERATOR (TPG) AND BUILT-IN
SELF-TEST (BIST)
The CLC031A includes an on-board, parallel video test pat-
tern generator (TPG). Four test pattern types are available
in both HD and SD formats, NTSC and PAL standards, and
4x3 and 16x9 raster sizes. The test patterns are: flat-field
black, PLL pathological, equalizer (EQ) pathological and a
75%, 8-colour vertical bar pattern. The pathologicals follow
recommendations contained in SMPTE RP 178-1996 re-
garding the test data used. The colour bar pattern has op-
tional bandwidth limiting coding in the chroma and luma data
transitions between bars. The VPG FILTER ENABLE bit in
the VIDEO INFO 0 control register enables the colour bar
filter function. The test pattern data is available at the video
data outputs, DV[19:0] with a corresponding parallel rate
clock, VCLK, appropriate to the particular standard and
format selected.
The TPG also functions as a built-in self-test (BIST) which
can be used to verify device functionality. The BIST function
performs a comprehensive go/no-go test of the device. The
test may be run using any of the HD colour bar patterns or
one of two SD patterns, either the 270 Mb/s NTSC colour bar
or the PAL PLL pathological, as the test data pattern. Data is
input from the digital processing block, processed through
the device and tested for errors using either the EDH system
for SD or the CRC system for HD. Clock signals from the
CDR block supply timing for the test data. The CDR must be
supplied a 27MHz reference clock via the XTALi/Ext Clk
input (or using the internal oscillator and crystal) during the
TPG or BIST function. A go/no-go indication is logged in the
Pass/Fail bit of the TEST 0 control register set. This bit may
be assigned as an output on the multifunction I/O port.
TPG and BIST operation is initiated by loading the code for
the desired test pattern into the Test Pattern Select[5:0] bits
and by setting the TPG Enable bit of the TEST 0 register.
Note that when attempting to use the TPG or BIST immedi-
ately after the device has been reset or powered on, the TPG
defaults to the 270Mbps SD rate. The device must be con-
figured for the desired test pattern by loading the appropriate
code in to the TEST 0 register. If HD operation is desired,
selection of the desired HD test pattern is sufficient to enable
the device to configure itself to run at the correct rate and
generate valid data. Table 5 gives the available test patterns
and codes.
The Pass/Fail bit in the control register gives the device test
status indication. If no errors have been detected, this bit will
be set to logic-1 approximately 2 field intervals after TPG
Enable is set. If errors have been detected in the internal
circuitry of the CLC031A, Pass/Fail will remain reset to a
logic-0. TPG or BIST operation is stopped by resetting the
TPG Enable bit. Parallel output data is present at the
DV[19:0] outputs during TPG or BIST operation.
Example: Enable the TPG Mode to use the NTSC 270Mbps
colour bars as the BIST and TPG pattern. Enable TPG
operation using the I/O port.
1.
Set ANC/CTRL to a logic-low.
2.
Set RD/WR to a logic-low.
3.
Present 00Dh to AD[9:0] as the TEST 0 register ad-
dress.
4.
Toggle A
CLK.
5.
Present 343h to AD[9:0] as the register data (525 line,
30 frame, 27MHz, NTSC 4x3, colour bars (SMPTE
125M)).
6.
Toggle A
CLK.
7.
The PASS/FAIL indicator, TEST 0 register, Bit 7, should
be read for the result of the test. Alternatively, this bit
may be mapped to a convenient bit of the Multi-function
I/O bus. The test pattern data and clock is available at
the DV[19:0] and V
CLK outputs.
CONFIGURATION AND CONTROL REGISTERS
The configuration and control registers store data which
determines the operational modes of the CLC031A or which
result from its operation. Many of these registers may be
assigned as external I/O functions which are then available
on the multi-function I/O bus. These functions are summa-
rized in Table 1 and detailed in Table 2. The power-on default
condition for the multi-function I/O port is indicated in Table 1
and detailed in Table 6.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com