Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC031AVEC Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC031AVEC
Description  SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC031AVEC Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button CLC031AVEC Datasheet HTML 18Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 19Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 20Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 21Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 22Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 23Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 24Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 25Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Device Operation (Continued)
TABLE 4. Video Raster Format Parameters
Format
Code
[4,3,2,1,0]
Format
Spec.
Frame
Rate
Lines
Active Lines
Samples
Active
Samples
00001
SDTV, 54
RP 174
60I
525
507/487*
3432
2880
00010
SDTV, 36
SMPTE 267
60I
525
507/487*
2288
1920
00011
SDTV, 27
SMPTE 125
60I
525
507/487*
1716
1440
01001
SDTV, 54
ITU-R BT 601.5
50I
625
577
3456
2880
01010
SDTV, 36
ITU-R BT 601.5
50I
625
577
2304
1920
01011
SDTV, 27
ITU-R BT 601.5
50I
625
577
1728
1440
10001
HDTV, 74.25
SMPTE 260
30I
1125
1035
2200
1920
10010
HDTV, 74.25
SMPTE 274
30I
1125
1080
2200
1920
10011
HDTV, 74.25
SMPTE 274
30P
1125
1080
2200
1920
11001
HDTV, 74.25
SMPTE 274
25I
1125
1080
2640
1920
11010
HDTV, 74.25
SMPTE 274
25P
1125
1080
2640
1920
11100
HDTV, 74.25
SMPTE 295
25I
1250
1080
2376
1920
11101
HDTV, 74.25
SMPTE 274
24P
1125
1080
2750
1920
10100
HDTV, 74.25
SMPTE 296 (1, 2)
60P
750
720
1650
1280
The HD Only bit when set to a logic-1 locks the CLC031A
into the high definition data range and frequency. In systems
designed to handle only high definition signals, enabling HD
Only reduces the time required for the CLC031A to establish
frequency lock and determine the HD format being pro-
cessed.
The SD Only bit when set to a logic-1 locks the CLC031A
into the standard definition data ranges and frequencies. In
systems designed to handle only standard definition signals,
enabling SD Only reduces the time required for the
CLC031A to establish frequency lock and determine the
format being processed. When SD Only and HD Only are
set to logic-0, the device operates in SD/HD mode.
The Framing Mode bit in the Format 0 register and Fram-
ing Enable in the Video Info 0 register combine with Fram-
ing Enable to control the manner in which the CLC031A
aligns framing. When Framing Mode and Framing Enable
are both reset, the CLC031A aligns on the first valid TRS
character. If another TRS occurs that is not on a word
boundary, the NSP bit is set until the next TRS that is on a
word boundary occurs. When Framing Mode is set to a
logic-1, the CLC031A operates similarly to the CLC011 when
NSP is tied to FE. An alternative configuration that operates
identically can be achieved with the CLC031A by mapping
NSP as an output and Framing Enable as an input on the
Multifunction I/O bus and externally connecting them. In this
case Framing Mode should be reset to a logic-0. When
Framing Mode is reset and Framing Enable is set, the
CLC031A realigns on every valid TRS. The initial state of
Framing Mode is set following a reset or at power-on.
FORMAT 1 (Address 0Ch)
The CLC031A automatically determines the format of the
incoming serial data. The result of this operation is stored in
the FORMAT 1 register. The Format[4:0] bits identify which
of the many possible video data standards that the CLC031A
can process is being received. These format codes follow
the same arrangement as for the Format Set[4:0] bits.
These formats and codes are given in Table 4. Bit Format[4]
when set indicates that HD data is being processed. When
reset, SD data is indicated. Format[3] when set indicates
that PAL data is being processed. When reset NTSC data is
being processed. Format[2:0] correspond with one of the
sub-standards given in the table. Note that the CLC031A
does not distinguish or log the data rate differences between
HD data at 74.25Mhz and 74.25MHz/1.001.
The H, V, and F bits correspond to input TRS data bits 6, 7
and 8, respectively. The meaning and function of this data is
the same for both standard definition (SMPTE 125M) and
high definition (SMPTE 292M luminance and colour differ-
ence) video data. Polarity is logic-1 equals HIGH-true. These
bits are registered for the duration of the applicable field.
TEST 0 REGISTER (Address 0Dh)
The Test Pattern Select bits determine which test pattern is
output when the Test Pattern Generator (TPG) mode or the
Built-in Self-Test (BIST) mode is enabled. Table 5 gives the
codes corresponding to the various test patterns. All HD
colour bar test patterns are inherently BIST data. BIST test
patterns for SD are: NTSC, 27MHz, 4x3 Colour Bars and
PAL, 27MHz, 4x3 PLL Pathological.
The TPG Enable bit when set to a logic-1 enables the Test
Pattern Generator function and built-in self-test (BIST).
The Pass/Fail bit indicates the result of the built-in self-test.
This bit is a logic-1 for a pass condition.
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com