Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC031AVEC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC031AVEC
Description  SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC031AVEC Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC031AVEC Datasheet HTML 1Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 2Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 3Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 4Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 5Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 6Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 7Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 8Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
CLC031A
SMPTE 292M/259M Digital Video Deserializer /
Descrambler with Video and Ancillary Data FIFOs
General Description
The
CLC031A SMPTE
292M
/
259M
Digital
Video
Deserializer/Descrambler with Video and Ancillary Data
FIFOs is a monolithic integrated circuit that deserializes and
decodes SMPTE 292M, 1.485Gbps (or 1.483Gbps) serial
component video data, to 20-bit parallel data with a synchro-
nized parallel word-rate clock. It also deserializes and de-
codes
SMPTE
259M,
270Mbps,
360Mbps
and
SMPTE 344M (proposed) 540Mbps serial component video
data, to 10-bit parallel data. Functions performed by the
CLC031A include: clock/data recovery from the serial data,
serial-to-parallel data conversion, SMPTE standard data de-
coding, NRZI-to-NRZ conversion, parallel data clock genera-
tion, word framing, CRC and EDH data checking and han-
dling, Ancillary Data extraction and automatic video format
determination. The parallel video output features a variable-
depth FIFO which can be adjusted to delay the output data
up to 4 parallel data clock periods. Ancillary Data may be
selectively extracted from the parallel data through the use
of masking and control bits in the configuration and control
registers and stored in the on-chip FIFO. Reverse LSB dith-
ering is also implemented.
The unique multi-functional I/O port of the CLC031A pro-
vides external access to functions and data stored in the
configuration and control registers. This feature allows the
designer greater flexibility in tailoring the CLC031A to the
desired application. The CLC031A is auto-configured to a
default operating condition at power-on or after a reset com-
mand. Separate power pins for the PLL, deserializer and
other functional circuits improve power supply rejection and
noise performance.
The CLC031A has a unique Built-In Self-Test (BIST) and
video Test Pattern Generator (TPG). The BIST enables com-
prehensive testing of the device by the user. The BIST uses
the TPG as input data and includes SD and HD component
video test patterns, reference black, PLL and EQ pathologi-
cals and a 75% saturation, 8 vertical colour bar pattern, for
all implemented rasters. The colour bar pattern has optional
transition coding at changes in the chroma and luma bar
data. The TPG data is output via the parallel data port.
The CLC030, SMPTE 292M / 259M Digital Video Serializer
with Ancillary Data FIFO and Integrated Cable Driver, is the
ideal complement to the CLC031A.
The CLC031A’s internal circuitry is powered from +2.5 Volts
and the I/O circuitry from a +3.3 Volt supply. Power dissipa-
tion is typically 850mW. The device is packaged in a 64-pin
TQFP.
Features
n
SDTV/HDTV serial digital video standard compliant
n
Supports 270 Mbps, 360 Mbps, 540 Mbps, 1.483 Gbps
and 1.485 Gbps serial video data rates with
auto-detection
n
LSB de-dithering option
n
Uses low-cost 27MHz crystal or clock oscillator
reference
n
Fast VCO lock time: < 500 µs at 1.485 Gbps
n
Built-in self-test (BIST) and video test pattern generator
(TPG)*
n
Automatic EDH/CRC word and flag processing
n
Ancillary Data FIFO with extensive packet handling
options
n
Adjustable, 4-deep parallel output video data FIFO
n
Flexible control and configuration I/O port
n
LVCMOS compatible control inputs and clock and data
outputs
n
LVDS and ECL-compatible, differential, serial inputs
n
3.3V I/O power supply and 2.5V logic power supply
operation
n
Low power: typically 850mW
n
64-pin TQFP package
n
Commercial temperature range 0˚C to +70˚C
* Patent applications made or pending.
Applications
n
SDTV/HDTV serial-to-parallel digital video interfaces for:
— Video editing equipment
— VTRs
— Standards converters
— Digital video routers and switchers
— Digital video processing and editing equipment
— Video test pattern generators and digital video test
equipment
— Video signal generators
Ordering Information
Order Number
Package Type
NS Package Number
CLC031AVEC
64-Pin TQFP
VEC-64A
September 2004
© 2004 National Semiconductor Corporation
DS200201
www.national.com


Similar Part No. - CLC031AVEC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC031 NSC-CLC031 Datasheet
390Kb / 31P
SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancilliary Data FIFOs
logo
CITIZEN ELECTRONICS CO....
CLC031-081B8 CITIZEN-CLC031-081B8 Datasheet
729Kb / 16P
This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5
CLC031-081B8-313H3H3-185 CITIZEN-CLC031-081B8-313H3H3-185 Datasheet
729Kb / 16P
This product (COB) is comprised of two different CCTs, and is to be driven using the 2 terminals which are shown in Page 5
logo
National Semiconductor ...
CLC031VEC NSC-CLC031VEC Datasheet
390Kb / 31P
SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancilliary Data FIFOs
More results

Similar Description - CLC031AVEC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC021 NSC-CLC021 Datasheet
428Kb / 18P
SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
CLC030 NSC-CLC030 Datasheet
329Kb / 29P
SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver
LMH0031 NSC-LMH0031 Datasheet
770Kb / 31P
SMPTE 292M/259M Digital Video Deserializer Descrambler with Video and Ancillary Data FIFOs
LMH0030 NSC-LMH0030 Datasheet
732Kb / 29P
SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
CLC031 NSC-CLC031 Datasheet
390Kb / 31P
SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancilliary Data FIFOs
CLC030 NSC-CLC030_06 Datasheet
733Kb / 29P
SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
LMH0030_0608 NSC-LMH0030_0608 Datasheet
733Kb / 29P
SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
logo
Texas Instruments
LMH0030 TI1-LMH0030_14 Datasheet
370Kb / 38P
SMPTE 292M/259M Digital Video Serializer with Video and Ancillary Data FIFOs and Integrated Cable Driver
logo
Gennum Corporation
GS2964 GENNUM-GS2964 Datasheet
826Kb / 17P
SMPTE 424M, SMPTE 292M and SMPTE 259M compliant
logo
Texas Instruments
LMH0031 TI1-LMH0031 Datasheet
375Kb / 39P
SMPTE 292M/259M Digital Video Deserializer / Descrambler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com