Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC031AVEC Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC031AVEC
Description  SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC031AVEC Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button CLC031AVEC Datasheet HTML 17Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 18Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 19Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 20Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 21Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 22Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 23Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 24Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Device Operation (Continued)
reported via the ANC Checksum Error bit. ANC Checksum
Error is available as an output on the multifunction I/O port.
ANC 1 AND 2 (Addresses 05h and 06h)
The extraction of Ancillary Data packets from video data into
the FIFO is controlled by the ANC MASK[15:0] and ANC
ID[15:0] bits in the control registers. The ANC ID[7:0] reg-
ister normally is set to a valid 8-bit code used for component
Ancillary Data packet DID identification as specified in
SMPTE 291M-1998. Similarly, ANC ID[15:8] normally is set
to a valid 8-bit code used for component Ancillary Data
packet SDID/DBN identification.
ANC 3 AND 4 (Addresses 07h and 08h)
The ANC MASK[7:0] is an 8-bit word that can be used to
selectively control extraction of packets with specific DIDs
(or DID ranges) into the FIFO. When the ANC MASK[7:0] is
set to FFh, packets with any DID can be extracted into the
FIFO. When any bit or bits of the ANC MASK[7:0] are set to
a logic-1, the corresponding bit or bits of the ANC ID[7:0] are
a don’t-care when matching DIDs of packets being ex-
tracted. When the ANC MASK[7:0] is set to 00h, the ANC
DID of incoming packets must match exactly, bit-for-bit the
ANC ID[7:0] set in the control register for the packets to be
extracted into the FIFO. The initial value of the ANC
MASK[7:0] is FFh and the ANC ID[7:0] is 00h.
Similarly, ANC MASK[15:8] is an 8-bit word that can be
used to selectively control extraction of packets with specific
SDID/DBN (or SDID/DBN ranges) into the FIFO. Operation
and use of these bits is the same as for ANC MASK[7:0]
previously discussed.
ANC 5 (Address 17h)
The FIFO EXTRACT ENABLE bit in the control registers
enables the device to extract or copy Ancillary Data from the
video data stream and place it in the ANC FIFO. From there
data may be output via the parallel ancillary port. Data
extraction is enabled when this bit is set to a logic-1. This bit
can be used to delay automatic extraction and therefore the
output of parallel Ancillary Data. FIFO EXTRACT ENABLE
should be asserted during an SAV or EAV to avoid timing
problems with Ancillary Data extraction. Access to data in the
FIFO is controlled by the RD/WR, ANC/CTRL and A
CLK
control signals.
To conserve power when the Ancillary Data function is not
being used, the internal Ancillary Data FIFO clock is dis-
abled. This clock must be enabled before Ancillary Data may
be replicated into the FIFO for output. FIFO CLOCK EN-
ABLE, bit-6 of the ANC 5 register (address 17h), when set,
enables this clock to propagate to the FIFO. The default
condition of FIFO CLOCK ENABLE is OFF. After enabling
the internal FIFO clock by turning this bit ON, A
CLK must be
toggled three (3) times to propagate the enable to the clock
tree. A
CLK should remain running at all times when the ANC
FIFO is in use. Otherwise, message tracking and related
functions will not operate correctly.
The CLC031A can keep track of up to 8 ANC data packets in
the ANC FIFO. Incoming packet length versus available
space in the FIFO is also tracked. The MSG TRACK bit in
the control registers, when set, enables tracking of packets
in the FIFO. Other functions for control of packet traffic in the
FIFO are FIFO FLUSH STAT and MSG FLUSH STAT.Ifthe
user wishes to handle more than 8 messages, the MSG
TRACK bit should be turned off (reset). The operation FIFO
FLUSH STAT will no longer work and the function FULL
MSG AVAILABLE will no longer be a reliable indicator that
messages are available in the FIFO. The user may still
effectively use the FIFO by monitoring the states of ANC
FIFO EMPTY, ANC FIFO FULL, ANC FIFO 90%FULL and
ANC FIFO OVERRUN.
Setting the FIFO FLUSH STAT bit to a logic-1 flushes the
FIFO. FIFO FLUSH STAT may not be set while the FIFO is
being accessed (Read or Write). FIFO FLUSH STAT is
automatically reset after this operation is complete.
When MSG FLUSH STAT is set to a logic-1, the oldest
message packet in the FIFO is flushed when data is not
being written to the FIFO. MSG FLUSH STAT is automati-
cally reset after this operation is complete.
The FULL MSG AVAILABLE bit in the control registers,
when set, notifies the host system that complete packets
reside in the Ancillary Data FIFO. When this bit is not set, the
messages in the FIFO are incomplete or partial. This func-
tion is not affected by MSG TRACK. The FULL MSG AVAIL-
ABLE function is most useful when mapped to the multifunc-
tion I/O port as an output.
ANC 6 (Address 18h)
The ANC FIFO 90% FULL flag bit indicates when the ANC
FIFO is 90% full. This bit may be mapped to the multi-
function I/O port. The purpose of this flag is to provide a
signal which gives the host system time to begin reading
from the FIFO before it has the chance to overflow. This was
done because it is virtually impossible to monitor the FIFO
FULL flag and begin extracting from the FIFO before an
overrun condition occurs.
The SHORT MSG DETECT flag bit indicates when short
ANC messages have been detected. i.e. An ANC header
was detected before the last full message was recovered.
This bit may be mapped to the multi-function I/O port.
The ANC PARITY MASK bit when set disables parity check-
ing for DID and SDID words in the ANC data packet. When
reset, parity checking is enabled; and, if a parity error occurs,
the packet will not be extracted.
The VANC bit, when set, enables extraction of ANC data
present in the vertical blanking interval (both active video
and horizontal blanking portions of the line).
FORMAT 0 (Address 0Bh)
The CLC031A may be set to process a single video format
by writing the appropriate data into the FORMAT 0 register.
The Format Set[4:0] bits confine the CLC031A to recognize
and process only one of the fourteen specified type of SD or
HD formats defined by a particular SMPTE specification. The
Format Set[4:0] bits may not be used to confine device
operation to a range of standards. The available formats and
codes are detailed in Table 4. Generally speaking, the For-
mat Set[4:0] codes indicate or group the formats as follows:
Format Set[4] is set for the HD data formats, reset for SD
data formats. Format Set[3] is set for PAL data formats (with
the exception of the SMPTE 274M 24-frame progressive
format), reset for NTSC data formats. Format Set[2:0] fur-
ther sub-divide the standards as given in the table.
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com