Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC031AVEC Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC031AVEC
Description  SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC031AVEC Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button CLC031AVEC Datasheet HTML 10Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 11Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 12Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 13Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 14Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 15Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 16Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 17Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Device Operation (Continued)
Figure 4 shows the relationship of clock, data and control
signals for reading Ancillary Data from the port AD[9:0].In
Ancillary Data read mode, 10-bit Ancillary Data is routed
from the Ancillary Data FIFO and read from the port
AD[9:0] at a rate determined by A
CLK.
Ancillary Data read (output) mode is invoked by making the
ANC/CTRL input high and the RD/WR input high. Ancillary
Data is clocked from the FIFO on the L-H transition of A
CLK.
Data may be read from the port on rising edges of A
CLK,
after the specified propagation delay, until the FIFO is emp-
tied. Data may only be read from the port when in the
Ancillary Data mode. Ancillary Data cannot be written to the
port.
To conserve power when the Ancillary Data function is not
being used, the internal Ancillary Data FIFO clock is dis-
abled. This clock must be enabled before Ancillary Data may
be replicated into the FIFO for output. This internal FIFO
clock is controlled by FIFO CLOCK ENABLE, bit-6 of the
ANC 5 register (address 17h). The default condition of FIFO
CLOCK ENABLE is OFF. After enabling the internal FIFO
clock by turning this bit ON, A
CLK must be toggled three (3)
times to propagate the enable to the clock tree.
MULTI-FUNCTION I/O PORT
The multi-function I/O port can be configured to provide
immediate access to many control and indicator functions
that are stored within the CLC031A’s configuration and con-
trol registers. The individual pins comprising this port are
assigned as input or output for selected functions stored in
the control data registers.
The multi-function I/O port is configured by way of an 8x6-bit
register bank consisting of registers I/O pin 0 CONFIG
through I/O pin 7 CONFIG. The contents of these registers
determine whether the port bits function as inputs or outputs
and to which control function or indicator each port bit is
assigned. Port bits may be assigned to access different
functions and indicators or any or all port bits may be as-
signed to access the same function or indicator (output
mode only). The same indicator or function should not be
assigned to more than one port bit as an input. Controls and
indicators that are accessible by the port and their corre-
sponding selection addresses are given in the I/O Pin Con-
figuration Register Addresses, Table 6. Table 2 gives the
control register bit assignments.
Data resulting from device operation will be sent to the
selected I/O port bit. This same data is also stored in the
configuration and control registers. Mapping the control and
indicator functions in this manner means that device opera-
tion will be immediately reflected at the I/O port pins thereby
ensuring more reliable real-time operation of the device
within and by the host system.
When a multifunction I/O port bit is used as input to a control
register bit, data must be presented to the I/O port bit and
clocked into the register bit using A
CLK as shown in Figure 5.
Port timing for bit write operations is the same as for the
ANC/CTRL port operation.
Example: Program multi-function I/O port bit-0 as the CRC
Luma Error bit output.
1.
Set ANC/CTRL to a logic-low.
2.
Set RD/WR to a logic-low.
3.
Present 00Fh to AD[9:0] as the I/O PIN 0 CONFIG
register address.
4.
Toggle A
CLK.
5.
Present 310h to AD[9:0] as the register data.
6.
Toggle A
CLK.
EDH/CRC SYSTEM
The CLC031A has EDH and CRC character generation
and checking circuitry. The EDH system functions as de-
scribed in SMPTE Recommended Practice RP-165. The
CRC system functions as specified in SMPTE 292M. The
EDH/CRC polynomial generators/checkers accept paral-
lel data from the de-serializing system and generate the
EDH and CRC check words for comparison with those re-
ceived in the data.
The EDH Enable bit in the control register enables the EDH
generation and checking system. Incoming SDTV data is
checked for errors and the EDH flags are updated automati-
20020111
FIGURE 4. Ancillary Data Read Timing
20020112
FIGURE 5. I/O Port Data Write Timing
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com