Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC031AVEC Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC031AVEC
Description  SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC031AVEC Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button CLC031AVEC Datasheet HTML 9Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 10Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 11Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 12Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 13Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 14Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 15Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 16Page - National Semiconductor (TI) CLC031AVEC Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Device Operation (Continued)
Ancillary Data Functions
The CLC031A can recover Ancillary Data from the serial
data stream. This Ancillary Data and related control charac-
ters are defined in the relevant SMPTE standards and may
reside in the horizontal and vertical blanking intervals. The
data can consist of different types of message packets in-
cluding audio data. The serial Ancillary Data space must be
formatted according to SMPTE 291M. The CLC031A sup-
ports Ancillary Data in the chrominance channel (C’r/
C’b) only for high-definition operation. Ancillary Data for
standard definition follows the requirements of SMPTE
125M.
The Ancillary Data FIFO is sized to handle a maximum
length ANC data Type 1 or Type 2 packet without the ANC
Flag, 259 words. Defined in SMPTE 291M, the packet con-
sists of the Ancillary Data Flag, a 3-word Data ID and Data
Count, 255 8- or 10-bit User Data Words and a Checksum.
The design of the CLC031A Ancillary Data FIFO also allows
storage of up to 8 shorter length messages with total length
not exceeding 259 words including all ID information. Ancil-
lary Data is copied from the data stream into the Ancillary
Data FIFO. The parallel Ancillary Data will still be present in
the parallel chroma output DV[9:0]. ancillary flag information
is not extracted into the FIFO.
Copying of ANC data from the video data into the FIFO is
controlled by the ANC Mask and ANC ID bits in the control
registers. A system of flags, ANC FIFO Empty, ANC FIFO
90% Full, ANC FIFO Full and ANC FIFO Overrun are used
to monitor FIFO status. The details and functions of these
and other control words are explained later in this datasheet.
20020109
FIGURE 2. Control Data Read Timing (2 read and 1 write cycle shown)
20020110
FIGURE 3. Control Data Write Timing
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com