Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9703CS Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9703CS
Description  80m?? 3A Smart Universal Power Switch with Flag
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9703CS Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9703CS Datasheet HTML 1Page - Richtek Technology Corporation RT9703CS Datasheet HTML 2Page - Richtek Technology Corporation RT9703CS Datasheet HTML 3Page - Richtek Technology Corporation RT9703CS Datasheet HTML 4Page - Richtek Technology Corporation RT9703CS Datasheet HTML 5Page - Richtek Technology Corporation RT9703CS Datasheet HTML 6Page - Richtek Technology Corporation RT9703CS Datasheet HTML 7Page - Richtek Technology Corporation RT9703CS Datasheet HTML 8Page - Richtek Technology Corporation RT9703CS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
RT9703
Preliminary
Electrical Characteristics
Recommended Operating Conditions (Note 3)
Supply Input Voltage ------------------------------------------------------------------------------------------------- 2V to 5.5V
Chip Enable Input Voltage ------------------------------------------------------------------------------------------ 0V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------
−20°C to 100°C
(VIN = 5V, CIN = COUT = 1
µF, TA = 25°C, unless otherwise specified)
Supply Voltage --------------------------------------------------------------------------------------------------------- 6.5V
Chip Enable Input Voltage ------------------------------------------------------------------------------------------
−0.3V to 6.5V
Flag Voltage ------------------------------------------------------------------------------------------------------------ 6.5V
Power Dissipation, PD @ TA = 25°C
SOP-8 -------------------------------------------------------------------------------------------------------------------- 0.95W
Package Thermal Resistance
SOP-8,
θJA -------------------------------------------------------------------------------------------------------------- 104°C/W
Junction Temperature ------------------------------------------------------------------------------------------------ 125°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------- 260°C
Storage Temperature Range ---------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ----------------------------------------------------------------------------------------- 8kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------- 800V
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Test Conditions
Min
Typ
Max Units
Switch On Resistance
RDS(ON)
IOUT = 3A (Note 8)
--
80
100
m
Ω
ISW_ON
Switch On, VOUT = Open
--
30
50
Supply Current
ISW_OFF
Switch Off, VOUT = Open
--
0.1
1
µA
Logic-Low Voltage VIL
Switch Off
--
--
0.8
V
CE Threshold
(Note 7)
Logic-High Voltage VIH
Switch On
2.0
--
--
V
CE Input Current
ICE
VCE = 0V to 5.5V
--
0
--
µA
Output Leakage Current
ILEAKAGE
VCE = 0V, RLOAD = 0
Ω
--
0.5
10
µA
Output Turn-On Rise Time
TON_RISE 10% to 90% of VOUT rising
--
1.5
--
mS
Current Limit Factor (Note 5)
ILIM x RSET
--
180k
--
A
Ω
Max. Current Limit Setting (Note 6) ILIMSET
VIN = 3.3V to 5.5V, RSET = 51.4k
Ω
--
--
3.5
A
Current Limit Setting Accuracy
∆ILIMSET
ILIMSET = 0.5A to 3A
(RSET = 360k
Ω to 60kΩ)
−20
--
+20
%
FLAG Output Resistance
RFLG
ISINK = 1mA
--
15
400
Ω
FLAG Off Current
IFLG_OFF VFLG = 5V
--
0.01
1
µA
FLAG Delay Time (Note 4)
tD
Form fault condition to FLG assertion
2
4.6
8
ms
Under-Voltage Lockout
VUVLO
VIN increasing
1.3
1.7
--
V
Under-Voltage Hysteresis
∆VUVLO
VIN decreasing
--
0.1
--
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com