Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9703CS Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9703CS
Description  80m?? 3A Smart Universal Power Switch with Flag
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9703CS Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9703CS Datasheet HTML 1Page - Richtek Technology Corporation RT9703CS Datasheet HTML 2Page - Richtek Technology Corporation RT9703CS Datasheet HTML 3Page - Richtek Technology Corporation RT9703CS Datasheet HTML 4Page - Richtek Technology Corporation RT9703CS Datasheet HTML 5Page - Richtek Technology Corporation RT9703CS Datasheet HTML 6Page - Richtek Technology Corporation RT9703CS Datasheet HTML 7Page - Richtek Technology Corporation RT9703CS Datasheet HTML 8Page - Richtek Technology Corporation RT9703CS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
RT9703
Preliminary
DS9703-00 September 2003
Features
Pin Configurations
Applications
80m
Ω
Ω
Ω
Ω
Ω, 3A Smart Universal Power Switch with Flag
General Description
The RT9703 is a low voltage, high performance single
N-Channel MOSFET power switch, designed for power
rail on/off control with low RDS(ON) dd80m
Ω and full
protection functions. The RT9703 equipped with a charge
pump circuitry to drive the internal MOSFET switch and a
flag output is available to indicate fault conditions against
large di/dt which may cause the supply to fall out of
regulation. In order to fit different application, an IP pin is
offered for current limit point setting, a resistor from IP to
ground sets the current limit for the switch.
Additional features include soft-start to limit inrush current
during plug-in, thermal shutdown to prevent catastrophic
switch failure from high-current loads, under-voltage
lockout (UVLO) to ensure that the device remains off
unless there is a valid input voltage present, a precision
resistor-programmable output current limit up to 3.5A.
Besides, the lower quiescent current as 30
µA making this
device ideal for portable battery-operated equipment.
The RT9703 is available in SOP-8 package requiring
minimum board space and smallest components.
Ordering Information
RT9703
Package Type
S : SOP-8
Operating Temperature Range
C : Commercial Standard
LCD Monitor, LCD-TV
USB Power Module for ADSL
Information Appliance and Set-Top Box
Battery-Powered Equipment
Hot-Plug Power Supplies
ACPI Power Distribution
PCI Bus Power Switching
Motherboard & Notebook PCs
PC Card Hot Swap Application
Adjustable Current Limiting Up To 3.5A
Built-In (Typically 80m
Ω
Ω
Ω
Ω
Ω) N-Channel MOSFET
Reverse Current Flow Blocking (no body diode) i.e.
Output Can Be Forced Higher Than Input (Off-State)
Low Supply Current:
30
µµµµµA Typical at Switch On State
Less Than 1
µµµµµA Typical at Switch Off State
Guaranteed 3A Continuous Load Current
Wide Input Voltage Ranges: 2V to 5.5V
Open-Drain Fault Flag Output
Hot Plug-In Application (Soft-Start)
1.7V Typical Under-Voltage Lockout (UVLO)
Thermal Shutdown Protection
Smallest SOP-8 Package Minimizes Board Space
(TOP VIEW)
SOP-8
FLG
VOUT
VOUT
GND
CE
VIN
VIN
IP
2
3
4
5
8
7
6
≈


Similar Part No. - RT9703CS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9703 RICHTEK-RT9703 Datasheet
246Kb / 14P
80m廓, 3A Smart Universal Power Switch with Flag
RT9703GS RICHTEK-RT9703GS Datasheet
246Kb / 14P
80m廓, 3A Smart Universal Power Switch with Flag
RT9703PS RICHTEK-RT9703PS Datasheet
246Kb / 14P
80m廓, 3A Smart Universal Power Switch with Flag
RT9703 RICHTEK-RT9703_07 Datasheet
246Kb / 14P
80m廓, 3A Smart Universal Power Switch with Flag
RT9703 RICHTEK-RT9703_11 Datasheet
262Kb / 14P
80m廓, 3A Smart Universal Power Switch with Flag
More results

Similar Description - RT9703CS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9702 RICHTEK-RT9702 Datasheet
251Kb / 16P
80m廓, 500mA/1.1A High-Side Power Switches with Flag
RT9703 RICHTEK-RT9703_07 Datasheet
246Kb / 14P
80m廓, 3A Smart Universal Power Switch with Flag
RT9706 RICHTEK-RT9706 Datasheet
295Kb / 14P
80m廓, 500mA High-Side Power Switch with Flag
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
80m廓, 1.5A High-Side Power Switches with Flag
RT9721A RICHTEK-RT9721A Datasheet
204Kb / 13P
80m廓, 500mA High-Side Power Switches with Flag
RT9702 RICHTEK-RT9702_11 Datasheet
364Kb / 16P
80m廓, 500mA/1.1A High Side Power Switches with Flag
RT9703 RICHTEK-RT9703_11 Datasheet
262Kb / 14P
80m廓, 3A Smart Universal Power Switch with Flag
RT9706 RICHTEK-RT9706_11 Datasheet
300Kb / 14P
80m廓, 500mA High-Side Power Switch with Flag
logo
Lowpower Semiconductor ...
LPW5203 POWER-LPW5203 Datasheet
238Kb / 5P
3A Smart Power Switch
LPW5213 POWER-LPW5213 Datasheet
269Kb / 5P
3A Smart Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com