Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9703CS Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9703CS
Description  80m?? 3A Smart Universal Power Switch with Flag
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9703CS Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9703CS Datasheet HTML 6Page - Richtek Technology Corporation RT9703CS Datasheet HTML 7Page - Richtek Technology Corporation RT9703CS Datasheet HTML 8Page - Richtek Technology Corporation RT9703CS Datasheet HTML 9Page - Richtek Technology Corporation RT9703CS Datasheet HTML 10Page - Richtek Technology Corporation RT9703CS Datasheet HTML 11Page - Richtek Technology Corporation RT9703CS Datasheet HTML 12Page - Richtek Technology Corporation RT9703CS Datasheet HTML 13Page - Richtek Technology Corporation RT9703CS Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
RT9703
Preliminary
Applications Information
The RT9703 is a high-side, N-Channel, power switch
available with active-high enable input. Low RDS(ON)dd
80m
Ω and full protection functions make it optimized to
replace complex discrete on/off control circuitry.
Input and Output
VIN (input) is the power source connection to the internal
circuitry and the drain of the MOSFET. VOUT (output) is
the source of the MOSFET. In a typical application, current
flows through the switch from VIN to VOUT toward the load.
If VOUT is greater than VIN, current will flow from VOUT to
VIN since the MOSFET is bidirectional when on.
Unlike a normal MOSFET, there is no a parasitic body
diode between drain and source of the MOSFET, the
RT9703 prevents reverse current flow if VOUT being
externally forced to a higher voltage than VIN when the
output disabled (VCE < 0.8V).
D
S
G
Normal MOSFET
RT9704
D
S
G
D
S
G
D
S
G
Normal MOSFET
RT9704
D
S
G
D
S
G
Chip Enable Input
The switch will be disabled when the CE pin is in a logic
low condition. During this condition, the internal circuitry
and MOSFET are turned off, reducing the supply current
to 0.1
µA typically. The maximum guaranteed voltage for
a logic low at the CE pin is 0.8V. A minimum guaranteed
voltage of 2V at the CE pin will turn the RT9703 back on.
Floating the input may cause unpredictable operation. CE
should not be allowed to go negative with respect to GND.
The CE pin may be directly tied to VIN to keep the part on.
Soft-Start for Hot Plug-In Applications
In order to eliminate the upstream voltage droop caused
by the large inrush current during hot-plug events, the
“
soft-start” feature effectively isolates the power source
from extremely large capacitive loads.
Fault Flag
The RT9703 provides a FLG signal pin which is an
N-Channel open drain MOSFET output. This open drain
output goes low when VOUT < VIN -1V, current limit or the
die temperature exceeds 130°C approximately. The FLG
output is capable of sinking a 10mA load to typically
150mV above ground. The FLG pin requires a pull-up
resistor, this resistor should be large in value to reduce
energy drain. A 100k
Ω pull-up resistor works well for most
applications. In the case of an over-current condition, FLG
will be asserted only after the flag response delay time,
tD, has elapsed. This ensures that FLG is asserted only
upon valid over-current conditions and that erroneous
error reporting is eliminated.
For example, false over-current conditions may occur
during hot-plug events when a highly large capacitive load
is connected and causes a high transient inrush current
that exceeds the current limit threshold. The FLG
response delay time tD is typically 4.6ms.
Under-Voltage Lockout
Under-Voltage lockout (UVLO) prevents the MOSFET
switch from turning on until input voltage exceeds
approximately 1.7V. If input voltage drops below
approximately 1.3V, UVLO turns off the MOSFET switch,
FLG will be asserted accordingly. Under- Voltage detection
functions only when the chip enable input is enabled.
Current Limiting and Short-Circuit Protection
The current limit circuitry prevents damage to the
MOSFET switch and external load. It is user adjust- able
with an external set resistor, RSET, ILIMIT = 180k/RSET in
the range of 500mA to 3.5A. The accuracy of current limit
set point may vary with operating temperature and supply
voltage. See “Typical Operating Characteristics” graph
for further details.
≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com