Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9703CS Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9703CS
Description  80m?? 3A Smart Universal Power Switch with Flag
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9703CS Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9703CS Datasheet HTML 1Page - Richtek Technology Corporation RT9703CS Datasheet HTML 2Page - Richtek Technology Corporation RT9703CS Datasheet HTML 3Page - Richtek Technology Corporation RT9703CS Datasheet HTML 4Page - Richtek Technology Corporation RT9703CS Datasheet HTML 5Page - Richtek Technology Corporation RT9703CS Datasheet HTML 6Page - Richtek Technology Corporation RT9703CS Datasheet HTML 7Page - Richtek Technology Corporation RT9703CS Datasheet HTML 8Page - Richtek Technology Corporation RT9703CS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
RT9703
Preliminary
Note 1. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended. The human body model is a 100pF capacitor
discharged through a 1.5k
Ω resistor into input and output pins.
Note 3. The device is not guaranteed to function outside its operating conditions.
Note 4. The FLAG delay time is input voltage dependent, see “Typical Operating Characteristics” graph for further details.
Note 5. Current limit is determined by: ILIMIT = 180k/RSET, where RSET is in ohms.
Note 6. It is important to note that the maximum current limit value shall be set properly in accordance with its supply voltage
otherwise which it may result in the failure occurrence. See “Maximum Current Limit vs. Supply Voltage” graph
shown on the applications information section for further details.
Note 7. For input voltage lower than 5V, the threshold level will subject to ±0.6V deviation throughout the operating junction
temperature range. Refer to the “Typical Operating Characteristics” graph for further details.
Note 8. RDS(ON) is measured at constant junction temperature by using a 1ms current pulse.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Thermal Shutdown Protection
TSD
--
130
--
°C
Thermal Shutdown Hysteresis
∆TSD
--
10
--
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com