Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9703CS Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9703CS
Description  80m?? 3A Smart Universal Power Switch with Flag
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9703CS Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9703CS Datasheet HTML 6Page - Richtek Technology Corporation RT9703CS Datasheet HTML 7Page - Richtek Technology Corporation RT9703CS Datasheet HTML 8Page - Richtek Technology Corporation RT9703CS Datasheet HTML 9Page - Richtek Technology Corporation RT9703CS Datasheet HTML 10Page - Richtek Technology Corporation RT9703CS Datasheet HTML 11Page - Richtek Technology Corporation RT9703CS Datasheet HTML 12Page - Richtek Technology Corporation RT9703CS Datasheet HTML 13Page - Richtek Technology Corporation RT9703CS Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
RT9703
Preliminary
Fault Flag Filtering (Optional)
The transient inrush current to downstream capacitance
may cause a short-duration error flag, which may cause
erroneous over-current reporting. A simple 1ms RC low-
pass filter (10k
Ω and 0.1µF) in the flag line eliminates
short-duration transients.
PCB Layout
In order to meet the voltage drop, droop, and EMI
requirements, careful PCB layout is necessary. The
following guidelines must be considered:
Keep all input and output traces as short as possible
and use at least 150-mil, 2 ounce copper for all races.
Avoid vias as much as possible. If vias are necessary,
make them as large as feasible.
Place a ground plane under all circuitry to lower both
resistance and inductance and improve DC and transient
performance (Use a separate ground and power plans
if possible).
Locate the bypass capacitors as close as possible to
the input and output pin of the RT9703.
*1'
9287
&(
9,1
,3
)/*
*1'
*1'
Board Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com