Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9703CS Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9703CS
Description  80m?? 3A Smart Universal Power Switch with Flag
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9703CS Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9703CS Datasheet HTML 6Page - Richtek Technology Corporation RT9703CS Datasheet HTML 7Page - Richtek Technology Corporation RT9703CS Datasheet HTML 8Page - Richtek Technology Corporation RT9703CS Datasheet HTML 9Page - Richtek Technology Corporation RT9703CS Datasheet HTML 10Page - Richtek Technology Corporation RT9703CS Datasheet HTML 11Page - Richtek Technology Corporation RT9703CS Datasheet HTML 12Page - Richtek Technology Corporation RT9703CS Datasheet HTML 13Page - Richtek Technology Corporation RT9703CS Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
RT9703
Preliminary
FLAG Response (Enable into Current Limit)
Time (1ms/Div)
VFLG
VCE
VIN = 5V
CIN = 1uF, COUT = 33uF
RL = 0.5
Ω, RSET = 150kΩ
RFG = 1k
Ω, S1 = OFF
IL (1A/Div)
FLAG Response at Chip Enable
Time (10ms/Div)
VFLG
VCE
RL = 0.5
Ω, RSET = 350kΩ
RFG = 1k
Ω, S1 = OFF
IL (0.5A/Div)
VIN = 5V
CIN = 1uF, COUT = 33uF
VOUT
Current Limit with Thermal Shutdown
Time (50ms/Div)
VCE
IL (1A/Div)
VIN = 5V
CIN = 10uF
COUT = 33uF
RL = 0.5
Ω, RSET = 100kΩ
S2 = ON, S3 = OFF
Soft-Start Response
Time (2ms/Div)
VCE
IL
VOUT
VIN = 5V, RL = 0.5
Ω,
CIN = 10uF, COUT = 1uF
S2 = OFF
ON, S3 = OFF
Short- Circuit with Thermal Shutdown
Time (10ms/Div)
VTRIGGER
IL (0.5A/Div)
VIN = 5V, CIN = 10uF, COUT = 33uF
RSET = 100k
Ω, S2 = ON, S3 = ON
11
5
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com