Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P8 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD6P8
Description  MOS INTEGRATED CIRCUIT
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P8 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD6P8 Datasheet HTML 35Page - Renesas Technology Corp UPD6P8 Datasheet HTML 36Page - Renesas Technology Corp UPD6P8 Datasheet HTML 37Page - Renesas Technology Corp UPD6P8 Datasheet HTML 38Page - Renesas Technology Corp UPD6P8 Datasheet HTML 39Page - Renesas Technology Corp UPD6P8 Datasheet HTML 40Page - Renesas Technology Corp UPD6P8 Datasheet HTML 41Page - Renesas Technology Corp UPD6P8 Datasheet HTML 42Page - Renesas Technology Corp UPD6P8 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 101 page
background image
37
µPD6P8, 6P8A, 6P8B
Data Sheet U17848EJ5V0DS
Table 6-3. Standby Mode Setup (HALT #b3b2b1b0B) and Release Conditions
Operand Value of
HALT Instruction
Setting Mode
Precondition for Setup
Release Condition
b3
b2
b1
b0
0000
STOP
All KI/O pins are high-level output.
High level is input to at least one
of KI pins.
0
1
1
STOP
All KI/O pins are high-level output.
High level is input to at least one
of KI pins.
1
1
0
STOPNote 1
The KI/O0 pin is high-level output.
High level is input to at least one
of KI pins.
1
Any of the
STOP
[The following condition is added in addition to the above.]
combinations of
—
High level is input to at least one
b2b1b0 above
of S0, S1, S2, and S3Note 3 pinsNote 2.
0/1
1
0
1
HALT
—
When the timer’s down counter is 0
Notes 1. When setting HALT #
×110B, configure a key matrix by using the KI/O0 pin and the KI pin so that the
standby mode can be released.
2. At least one of the S0, S1, S2, and S3 pins (the pin used for releasing the standby mode) must be
specified as follows:
S0, S1, S3 pins: Input mode (specified by bits 0, 2, and 7 of the P4 register)
S2 pin:
Use of STOP mode release enabled (specified by bit 3 of the P4 register)
3.
µPD6P8B only
Cautions 1. The internal reset takes effect when the HALT instruction is executed with an operand value
other than that above or when the precondition has not been satisfied when executing the
HALT instruction.
2. If STOP mode is set when the timer’s down counter is not 0 (timer operating), the system
is placed in STOP mode only after all the 10 bits of the timer’s down counter and the timer
output permit flag are cleared to 0.
3. Write the NOP instruction as the first instruction after STOP mode is released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com