Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P8 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # UPD6P8
Description  MOS INTEGRATED CIRCUIT
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P8 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button UPD6P8 Datasheet HTML 82Page - Renesas Technology Corp UPD6P8 Datasheet HTML 83Page - Renesas Technology Corp UPD6P8 Datasheet HTML 84Page - Renesas Technology Corp UPD6P8 Datasheet HTML 85Page - Renesas Technology Corp UPD6P8 Datasheet HTML 86Page - Renesas Technology Corp UPD6P8 Datasheet HTML 87Page - Renesas Technology Corp UPD6P8 Datasheet HTML 88Page - Renesas Technology Corp UPD6P8 Datasheet HTML 89Page - Renesas Technology Corp UPD6P8 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 101 page
background image
84
µPD6P8, 6P8A, 6P8B
Data Sheet U17848EJ5V0DS
AC Characteristics (TA = –40 to +85
°C, VDD = 1.9 to 3.6 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Instruction execution time
tCY
14
16
18.5
µs
KI0-KI3, S0, S1, S2, S3
tH
10
µs
high-level width
When releasing standby mode In HALT mode
10
µs
In STOP mode
Note
µs
RESET low-level width
tRSL
10
µs
Note 10 + 1024/fX
Remark tCY = 64/fX (fX: System clock oscillation frequency)
POC Circuit (TA = –40 to +85
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
POC detection voltageNote
VPOC
1.8
1.9
V
Note
Refers to the voltage with which the POC circuit releases an internal reset. If VPOC < VDD, the internal
reset is released.
From the time of VPOC
≥ VDD until the internal reset takes effect, lag of up to 1 ms occurs. When the period
of VPOC
≥ VDD lasts less than 1 ms, the internal reset may not take effect.
Internal Oscillator Characteristics (TA = –40 to +85
°C, VDD = 1.9 to 3.6 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Oscillation frequency
fX1
3.5
4.5
MHz
fX2
TA = –10 to +70
°C
3.92
4.08
MHz
fX3
TA = –10 to +60
°C
3.928
4.072
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com