Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P8 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # UPD6P8
Description  MOS INTEGRATED CIRCUIT
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P8 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button UPD6P8 Datasheet HTML 61Page - Renesas Technology Corp UPD6P8 Datasheet HTML 62Page - Renesas Technology Corp UPD6P8 Datasheet HTML 63Page - Renesas Technology Corp UPD6P8 Datasheet HTML 64Page - Renesas Technology Corp UPD6P8 Datasheet HTML 65Page - Renesas Technology Corp UPD6P8 Datasheet HTML 66Page - Renesas Technology Corp UPD6P8 Datasheet HTML 67Page - Renesas Technology Corp UPD6P8 Datasheet HTML 68Page - Renesas Technology Corp UPD6P8 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 101 page
background image
63
µPD6P8, 6P8A, 6P8B
Data Sheet U17848EJ5V0DS
12. WRITING AND VERIFYING ONE-TIME PROM (PROGRAM MEMORY) (
µPD6P8)
The program memory of the
µPD6P8 is a one-time PROM of 2026 × 10 bits.
To write or verify this one-time PROM, the pins shown in Table 12-1 are used. Note that no address input pin
is used. Instead, the address is updated by using the clock input from the CLK pin.
Table 12-1. Pins Used to Write/Verify Program Memory
Pin Name
Function
VPP
Supplies voltage when writing/verifying program memory.
Apply +10.5 V to this pin.
VDD
Power supply.
Supply +3 V to this pin when writing/verifying program memory.
CLK
Inputs clock to update address when writing/verifying program memory.
By inputting a pulse four times to the CLK pin, the address of the program memory is updated.
MD0 to MD3
Input to select the operation mode when writing/verifying program memory.
D0 to D7
Inputs/outputs 8-bit data when writing/verifying program memory.
XIN, XOUT
Clock necessary for writing program memory. Connect a 4 MHz ceramic resonator to this pin.
12.1 Operating Mode When Writing/Verifying Program Memory
The
µPD6P8 is set in the program memory write/verify mode when +10.5 V is applied to the VPP pin after the
µPD6P8 has been in the reset status (VDD = 3 V, VPP = 0 V) for a specific time. In this mode, the operating modes
shown in Table 12-2 can be set by setting the MD0 through MD3 pins. Connect all the pins other than those shown
in Table 12-1 to GND via pull-down resistors.
Table 12-2. Setting Operating Mode
Setting of Operating Mode
Operating Mode
VPP
VDD
MD0
MD1
MD2
MD3
+10.5 V
+3 V
H
L
H
L
Clear program memory address to 0
L
H
H
H
Write mode
L
L
H
H
Verify mode
H
×
H
H
Program inhibit mode
×: don’t care (L or H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com