Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P8 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD6P8
Description  MOS INTEGRATED CIRCUIT
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P8 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD6P8 Datasheet HTML 17Page - Renesas Technology Corp UPD6P8 Datasheet HTML 18Page - Renesas Technology Corp UPD6P8 Datasheet HTML 19Page - Renesas Technology Corp UPD6P8 Datasheet HTML 20Page - Renesas Technology Corp UPD6P8 Datasheet HTML 21Page - Renesas Technology Corp UPD6P8 Datasheet HTML 22Page - Renesas Technology Corp UPD6P8 Datasheet HTML 23Page - Renesas Technology Corp UPD6P8 Datasheet HTML 24Page - Renesas Technology Corp UPD6P8 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 101 page
background image
19
µPD6P8, 6P8A, 6P8B
Data Sheet U17848EJ5V0DS
4. PORT REGISTERS (PX)
The KI/O port, the KI port, the special ports (S0, S1/LED, S2, S3), and the control registers are treated as port
registers.
After reset, the port register values are as shown below.
Figure 4-1. Port Register Configuration (
µPD6P8, 6P8A)
Notes 1.
×: Refers to the value based on the KI and S2 pin state.
2.
×: Refers to the value based on decrease of power supply voltage (0 when VDD ≤ VID)
Remark VID: RAM retention detection voltage
Table 4-1. Relationship Between Ports and Reading/Writing (
µPD6P8, 6P8A)
Port Name
Input Mode
Output Mode
Read
Write
Read
Write
KI/O
Pin state
Output latch
Output latch
Output latch
KI
Pin state
———
S0
Pin state
—
Note
—
S1/LED
Pin state
—
Pin state
—
S2
Pin state
———
Note When in OFF mode, “1” is always read.
Port register
P0
KI/O7
P00
After reset
FFH
KI/O6
KI/O5
KI/O4
KI/O3
KI/O2
KI/O1
KI/O0
P10
P1
KI3
P01
××××11×1BNote 1
KI2
KI1
KI0
S1/LED
S0
S2
1
P11
P3 (control register 0)
DP11
P03
0000
×000BNote 2
DP10
DP9
DP8
RAM
retention
flag
–––
P13
P4 (control register 1)
0
P04
26H
0
KI
Pull-down
S0/S1
Pull-down
S2
STOP release
S1/LED mode
KI/O mode
S0 mode
P14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com