Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P8 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # UPD6P8
Description  MOS INTEGRATED CIRCUIT
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P8 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button UPD6P8 Datasheet HTML 11Page - Renesas Technology Corp UPD6P8 Datasheet HTML 12Page - Renesas Technology Corp UPD6P8 Datasheet HTML 13Page - Renesas Technology Corp UPD6P8 Datasheet HTML 14Page - Renesas Technology Corp UPD6P8 Datasheet HTML 15Page - Renesas Technology Corp UPD6P8 Datasheet HTML 16Page - Renesas Technology Corp UPD6P8 Datasheet HTML 17Page - Renesas Technology Corp UPD6P8 Datasheet HTML 18Page - Renesas Technology Corp UPD6P8 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 101 page
background image
13
µPD6P8, 6P8A, 6P8B
Data Sheet U17848EJ5V0DS
2. DIFFERENCES BETWEEN
µPD67A, 67B, 68A, 68B, AND µPD6P8, 6P8A, 6P8B
Table 2-1 shows the differences between the
µPD67A, 67B, 68A, 68B, and µPD6P8, 6P8A, 6P8B.
The only differences between these models are the program memory, RAM retention detection voltage, internal
oscillator, POC detection voltage, and supply voltage; the other CPU functions and internal peripheral hardware
are the same.
The electrical specifications also differ slightly. For the electrical specifications, refer to the data sheet of each
model.
Table 2-1. Differences Between
µPD67A, 67B, 68A, 68B, and µPD6P8, 6P8A, 6P8B
Item
µPD6P8
µPD6P8A
µPD6P8B
µPD67A
µPD67B
µPD68A
µPD68B
ROM
One-time PROM
Mask ROM
2026
× 10 bits
1002
× 10 bits
2026
× 10 bits
POC detection voltage
VPOC = 1.8 V
VPOC = 1.85 V
VPOC = 1.5 V
VPOC = 1.85 V
VPOC = 1.5 V
(TYP.)
(TYP.)
(TYP.)
(TYP.)
(TYP.)
RAM retention
VID = 1.8 V
VID = 1.6 V
VID = 1.4 V
VID = 1.5 V
VID = 1.4 V
VID = 1.5 V
detection voltage
(TYP.)
(TYP.)
(TYP.)
(TYP.)
(TYP.)
(TYP.)
Internal oscillator
–
fX = 4 MHz
–
(TYP.)
Supply voltage
VDD = 1.9 to 3.6 V
VDD = 2.0 to 3.6 V
VDD = 1.65 to 3.6 V
VDD = 2.0 to 3.6 V
VDD = 1.65 to 3.6 V
Electrical specifications Some electrical specifications, such as data retention voltage and current consumption, differ.
Refer to data sheet of each model for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com