Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P8 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # UPD6P8
Description  MOS INTEGRATED CIRCUIT
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P8 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button UPD6P8 Datasheet HTML 57Page - Renesas Technology Corp UPD6P8 Datasheet HTML 58Page - Renesas Technology Corp UPD6P8 Datasheet HTML 59Page - Renesas Technology Corp UPD6P8 Datasheet HTML 60Page - Renesas Technology Corp UPD6P8 Datasheet HTML 61Page - Renesas Technology Corp UPD6P8 Datasheet HTML 62Page - Renesas Technology Corp UPD6P8 Datasheet HTML 63Page - Renesas Technology Corp UPD6P8 Datasheet HTML 64Page - Renesas Technology Corp UPD6P8 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 101 page
background image
59
µPD6P8, 6P8A, 6P8B
Data Sheet U17848EJ5V0DS
MOV T, #data10
<1> Instruction code:
0 01101111 1
t1 t9 t8 t7 t6 t0 t5 t4 t3 t2
<2> Cycle count:
1
<3> Function:
(T)
← data10
The immediate data is transferred to the timer register T (t9 to t0).
Remark The timer time is set as follows.
(Set value + 1)
× 64/fX – 4/fX
MOV M0, #data10
<1> Instruction code:
0 01101011 0
t1 t9 t8 t7 t6 t0 t5 t4 t3 t2
<2> Cycle count:
1
<3> Function:
(M0)
← data10
The immediate data is transferred to the modulo register M0 (t9 to t0).
MOV M1, #data10
<1> Instruction code:
0 01101011 1
t1 t9 t8 t7 t6 t0 t5 t4 t3 t2
<2> Cycle count:
1
<3> Function:
(M1)
← data10
The immediate data is transferred to the modulo register M1 (t9 to t0).
MOV T, @R0
<1> Instruction code:
0 01111111 1
<2> Cycle count:
1
<3> Function:
(T)
← ((P13), (R0))
Transfers the program memory contents to the timer register T (t9 to t0) specified by the control register
P13 and the register pair R10 to R00.
The program memory, which consists of 10 bits, is placed in the following state after the transfer to the
register.
t9
t8
t7
t6
t5
t4
t3
t2
t1
t0
T1
T0
t1
t0
t9
t8
t7
t6
t5
t4
t3
t2
@R0
Program memory
Timer
T
→
The higher 2 to 4 bits of the program memory address are specified by the control register (P13).
Caution When setting a timer value in the program memory, be sure to use the DT
quasi-directive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com