Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CS32 Datasheet(PDF) 18 Page - Microchip Technology

Part # AT24CS32
Description  I²C-Compatible (Two-Wire) Serial EEPROM with a Unique,Factory-Programmed 128-Bit Serial Number 32‑Kbit (4,096 x 8)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CS32 Datasheet(HTML) 18 Page - Microchip Technology

Back Button AT24CS32 Datasheet HTML 14Page - Microchip Technology AT24CS32 Datasheet HTML 15Page - Microchip Technology AT24CS32 Datasheet HTML 16Page - Microchip Technology AT24CS32 Datasheet HTML 17Page - Microchip Technology AT24CS32 Datasheet HTML 18Page - Microchip Technology AT24CS32 Datasheet HTML 19Page - Microchip Technology AT24CS32 Datasheet HTML 20Page - Microchip Technology AT24CS32 Datasheet HTML 21Page - Microchip Technology AT24CS32 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
7.
Write Operations
All write operations for the AT24CS32 begin with the master sending a Start condition, followed by a device address
byte with the R/W bit set to logic ‘0’, and then by the word address bytes. The data value(s) to be written to the
device immediately follow the word address bytes.
7.1
Byte Write
The AT24CS32 supports the writing of a single 8-bit byte. Selecting a data word in the AT24CS32 requires 12-bit
word address.
Upon receipt of the proper device address and the word address bytes, the EEPROM will send an Acknowledge. The
device will then be ready to receive the 8-bit data word. Following receipt of the 8‑bit data word, the EEPROM will
respond with an ACK. The addressing device, such as a bus master, must then terminate the write operation with a
Stop condition. At that time, the EEPROM will enter an internally self-timed write cycle, which will be completed within
tWR, while the data word is being programmed into the nonvolatile EEPROM. All inputs are disabled during this write
cycle, and the EEPROM will not respond until the write is complete.
Figure 7-1. Byte Write
SCL
SDA
Start Condition
by Master
Device Address Byte
First Word Address Byte
MSb
MSb
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
0
1
0
A
2
A
1
A
0
0
0
Second Word Address Byte
Data Word
Stop Condition
by Master
MSb
MSb
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
D7 D6 D5 D4 D3 D2 D1 D0
0
X
X
X
X
A11 A10 A9
A8
0
ACK
from Slave
ACK
from Slave
ACK
from Slave
ACK
from Slave
A7 A6
A5
A4
A3 A2 A1
A0
0
7.2
Page Write
A page write operation allows up to 32 bytes to be written in the same write cycle, provided all bytes are in the same
row of the memory array (where address bits A11 through A5 are the same). Partial page writes of less than 32 bytes
are also allowed.
A page write is initiated the same way as a byte write, but the bus master does not send a Stop condition after the
first data word is clocked in. Instead, after the EEPROM acknowledges receipt of the first data word, the bus master
can transmit up to thirty one additional data words. The EEPROM will respond with an ACK after each data word is
received. Once all data to be written has been sent to the device, the bus master must issue a Stop condition (see
Figure 7-2) at which time the internally self-timed write cycle will begin.
The lower five bits of the word address are internally incremented following the receipt of each data word. The higher
order address bits are not incremented and retain the memory page row location. Page write operations are limited to
writing bytes within a single physical page, regardless of the number of bytes actually being written. When the
incremented word address reaches the page boundary, the address counter will rollover to the beginning of the same
page. Nevertheless, creating a rollover event should be avoided as previously loaded data in the page could become
unintentionally altered.
AT24CS32
Write Operations
© 2020 Microchip Technology Inc.
Datasheet
DS20006341A-page 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com