Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CS32 Datasheet(PDF) 5 Page - Microchip Technology

Part # AT24CS32
Description  I²C-Compatible (Two-Wire) Serial EEPROM with a Unique,Factory-Programmed 128-Bit Serial Number 32‑Kbit (4,096 x 8)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CS32 Datasheet(HTML) 5 Page - Microchip Technology

  AT24CS32 Datasheet HTML 1Page - Microchip Technology AT24CS32 Datasheet HTML 2Page - Microchip Technology AT24CS32 Datasheet HTML 3Page - Microchip Technology AT24CS32 Datasheet HTML 4Page - Microchip Technology AT24CS32 Datasheet HTML 5Page - Microchip Technology AT24CS32 Datasheet HTML 6Page - Microchip Technology AT24CS32 Datasheet HTML 7Page - Microchip Technology AT24CS32 Datasheet HTML 8Page - Microchip Technology AT24CS32 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
2.
Pin Descriptions
The descriptions of the pins are listed in Table 2-1.
Table 2-1. Pin Function Table
Name
8‑Lead SOIC
8‑Lead TSSOP
8‑Pad UDFN(1)
5-Lead SOT23
Function
A0(2)
1
1
1
—
Device Address Input
A1(2)
2
2
2
—
Device Address Input
A2(2)
3
3
3
—
Device Address Input
GND
4
4
4
2
Ground
SDA
5
5
5
3
Serial Data
SCL
6
6
6
1
Serial Clock
WP(2)
7
7
7
5
Write-Protect
VCC
8
8
8
4
Device Power Supply
Note: 
1.
The exposed pad on this package can be connected to GND or left floating.
2.
If the A0, A1, A2 and WP pins are not driven, they are internally pulled down to GND. In order to operate in a
wide variety of application environments, the pull‑down mechanism is intentionally designed to be somewhat
strong. Once these pins are biased above the CMOS input buffer’s trip point (~0.5 x VCC), the pull‑down
mechanism disengages. Microchip recommends connecting these pins to a known state whenever possible.
2.1
Device Address Inputs (A0, A1, A2)
The A0, A1 and A2 pins are device address inputs that are hard-wired (directly to GND or to VCC) for compatibility
with other two-wire Serial EEPROM devices. When the pins are hard-wired, as many as eight devices may be
addressed on a single bus system. A device is selected when a corresponding hardware and software match is true.
If these pins are left floating, the A0, A1 and A2 pins will be internally pulled down to GND. However, due to
capacitive coupling that may appear in customer applications, Microchip recommends always connecting the address
pins to a known state. When using a pull‑up resistor, Microchip recommends using 10 kΩ or less.
2.2
Ground
The ground reference for the power supply. GND should be connected to the system ground.
2.3
Serial Data (SDA)
The SDA pin is an open-drain bidirectional input/output pin used to serially transfer data to and from the device. The
SDA pin must be pulled high using an external pull-up resistor (not to exceed 10 kΩ in value) and may be wire-ORed
with any number of other open-drain or open-collector pins from other devices on the same bus.
2.4
Serial Clock (SCL)
The SCL pin is used to provide a clock to the device and to control the flow of data to and from the device. Command
and input data present on the SDA pin is always latched in on the rising edge of SCL, while output data on the SDA
pin is clocked out on the falling edge of SCL. The SCL pin must either be forced high when the serial bus is idle or
pulled high using an external pull-up resistor.
2.5
Write-Protect (WP)
The write-protect input, when connected to GND, allows normal write operations. When the WP pin is connected
directly to VCC, all write operations to the protected memory are inhibited.
AT24CS32
Pin Descriptions
© 2020 Microchip Technology Inc.
Datasheet
DS20006341A-page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com