Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CS32 Datasheet(PDF) 7 Page - Microchip Technology

Part # AT24CS32
Description  I²C-Compatible (Two-Wire) Serial EEPROM with a Unique,Factory-Programmed 128-Bit Serial Number 32‑Kbit (4,096 x 8)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CS32 Datasheet(HTML) 7 Page - Microchip Technology

Back Button AT24CS32 Datasheet HTML 3Page - Microchip Technology AT24CS32 Datasheet HTML 4Page - Microchip Technology AT24CS32 Datasheet HTML 5Page - Microchip Technology AT24CS32 Datasheet HTML 6Page - Microchip Technology AT24CS32 Datasheet HTML 7Page - Microchip Technology AT24CS32 Datasheet HTML 8Page - Microchip Technology AT24CS32 Datasheet HTML 9Page - Microchip Technology AT24CS32 Datasheet HTML 10Page - Microchip Technology AT24CS32 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
3.
Description
The AT24CS32 provides 32,768 bits of Serial Electrically Erasable and Programmable Read-Only Memory
(EEPROM) organized as 4,096 words of 8 bits each. The device’s cascading feature allows up to eight devices to
share a common two‑wire bus. The device is optimized for use in many industrial and commercial applications where
low‑power and low‑voltage operation are essential. The devices are available in space‑saving 8‑lead SOIC, 8‑lead
TSSOP, 8‑pad UDFN and 5-lead SOT23 packages. All packages operate from 1.7V to 5.5V.
The AT24CS32 provides the additional feature of a factory programmed, ensured unique 128-bit serial number, while
maintaining all of the traditional features available in the 32‑Kbit Serial EEPROM. The time consuming step of
performing and ensuring true serialization of product on a manufacturing line can be removed from the production
flow by employing the CS Series Serial EEPROM. The 128-bit serial number is programmed and permanently locked
from future writing during the Microchip production process. Further, this 128-bit location does not consume any of
the user read/write area of the 32‑Kbit Serial EEPROM. The uniqueness of the serial number is ensured across the
entire CS Series of Serial EEPROMs, regardless of the size of the memory array or the type of interface protocol.
This means that as an application’s needs for memory size or interface protocol evolve in future generations, any
previously deployed serial number from any Microchip CS Series Serial EEPROM part will remain valid.
3.1
System Configuration Using Two-Wire Serial EEPROMs
I2C Bus Master:
Microcontroller
Slave 0
AT24CSXX
VCC
WP
SDA
SCL
A0
A1
A2
GND
VCC
GND
SCL
SDA
WP
RPUP(max) = tR(max)
0.8473 x CL
RPUP(min) = VCC - VOL(max)
IOL
Slave 1
AT24CSXX
VCC
WP
SDA
SCL
A0
A1
A2
GND
Slave 7
AT24CSXX
VCC
WP
SDA
SCL
A0
A1
A2
GND
VCC
AT24CS32
Description
© 2020 Microchip Technology Inc.
Datasheet
DS20006341A-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com