Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CS32 Datasheet(PDF) 39 Page - Microchip Technology

Part # AT24CS32
Description  I²C-Compatible (Two-Wire) Serial EEPROM with a Unique,Factory-Programmed 128-Bit Serial Number 32‑Kbit (4,096 x 8)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CS32 Datasheet(HTML) 39 Page - Microchip Technology

Back Button AT24CS32 Datasheet HTML 34Page - Microchip Technology AT24CS32 Datasheet HTML 35Page - Microchip Technology AT24CS32 Datasheet HTML 36Page - Microchip Technology AT24CS32 Datasheet HTML 37Page - Microchip Technology AT24CS32 Datasheet HTML 38Page - Microchip Technology AT24CS32 Datasheet HTML 39Page - Microchip Technology AT24CS32 Datasheet HTML 40Page - Microchip Technology AT24CS32 Datasheet HTML 41Page - Microchip Technology AT24CS32 Datasheet HTML 42Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
Product Identification System
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Product Family
24CS = Serial EEPROM, plus
128-bit Serial Number
Device Density
Shipping Carrier Option
Device Grade or
Wafer/Die Thickness
Package Option
32 = 32 Kilobit
B = Bulk (Tubes)
T = Tape and Reel, Standard Quantity Option
E = Tape and Reel, Extended Quantity Option
Operating Voltage
M = 1.7V to 5.5V
H or U = Industrial Temperature Range
(-40°C to +85°C)
11
= 11 mil Wafer Thickness
SS
= SOIC
X
= TSSOP
MA
= 2.0 mm x 3.0 mm UDFN
ST
= SOT23
WWU = Wafer Unsawn
A T24CS32-SSHM-B
Examples
Device
Package
Package
Drawing
Code
Package
Option
Shipping Carrier Option
Device Grade
AT24CS32‑SSHM‑B
SOIC
SN
SS
Bulk (Tubes)
Industrial
Temperature
(-40°C to +85°C)
AT24CS32‑SSHM‑T
SOIC
SN
SS
Tape and Reel
AT24CS32‑XHM‑B
TSSOP
ST
X
Bulk (Tubes)
AT24CS32‑XHM‑T
TSSOP
ST
X
Tape and Reel
AT24CS32‑MAHM‑T
UDFN
Q4B
MA
Tape and Reel
AT24CS32‑MAHM‑E
UDFN
Q4B
MA
Extended Qty. Tape and Reel
AT24CS32‑STUM‑T
SOT23
NMB
ST
Tape and Reel
Microchip Devices Code Protection Feature
Note the following details of the code protection feature on Microchip devices:
• Microchip products meet the specification contained in their particular Microchip Data Sheet.
• Microchip believes that its family of products is one of the most secure families of its kind on the market today,
when used in the intended manner and under normal conditions.
• There are dishonest and possibly illegal methods used to breach the code protection feature. All of these
methods, to our knowledge, require using the Microchip products in a manner outside the operating
specifications contained in Microchip’s Data Sheets. Most likely, the person doing so is engaged in theft of
intellectual property.
• Microchip is willing to work with the customer who is concerned about the integrity of their code.
AT24CS32
© 2020 Microchip Technology Inc.
Datasheet
DS20006341A-page 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com