Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CS32 Datasheet(PDF) 16 Page - Microchip Technology

Part # AT24CS32
Description  I²C-Compatible (Two-Wire) Serial EEPROM with a Unique,Factory-Programmed 128-Bit Serial Number 32‑Kbit (4,096 x 8)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CS32 Datasheet(HTML) 16 Page - Microchip Technology

Back Button AT24CS32 Datasheet HTML 12Page - Microchip Technology AT24CS32 Datasheet HTML 13Page - Microchip Technology AT24CS32 Datasheet HTML 14Page - Microchip Technology AT24CS32 Datasheet HTML 15Page - Microchip Technology AT24CS32 Datasheet HTML 16Page - Microchip Technology AT24CS32 Datasheet HTML 17Page - Microchip Technology AT24CS32 Datasheet HTML 18Page - Microchip Technology AT24CS32 Datasheet HTML 19Page - Microchip Technology AT24CS32 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
6.
Memory Organization
The AT24CS32 is internally organized as 128 pages of 32 bytes each.
6.1
Device Addressing
Accessing the device requires an 8‑bit device address byte following a Start condition to enable the device for a read
or write operation. Since multiple slave devices can reside on the serial bus, each slave device must have its own
unique address so the master can access each device independently.
The Most Significant four bits of the device address byte is referred to as the device type identifier. The device type
identifier ‘1010’ (Ah) is required in bits 7 through 4 of the device address byte (see Table 6-1).
The AT24CS32 utilizes a separate memory block containing a factory programmed 128-bit serial number. Access to
this memory location is similar to the EEPROM region with the exception that the device type identifier is set to ‘1011’
(Bh) in bits 7 through 4 of the device address byte (see Table 6-1).
Following the 4-bit device type identifier are the hardware slave address bits, A2, A1 and A0. These bits can be used
to expand the address space by allowing up to eight Serial EEPROM devices on the same bus. These hardware
slave address bits must correlate with the voltage level on the corresponding hardwired device address input pins A0,
A1 and A2. The A0, A1 and A2 pins use an internal proprietary circuit that automatically biases the pin to a logic ‘0’
state if the pin is allowed to float. In order to operate in a wide variety of application environments, the pull‑down
mechanism is intentionally designed to be somewhat strong. Once the pin is biased above the CMOS input buffer's
trip point (~0.5 x VCC), the pull‑down mechanism disengages. Microchip recommends connecting the A0, A1 and A2
pins to a known state whenever possible.
When utilizing the SOT23 package, the A2, A1 and A0 pins are not accessible and are left floating. The previously
mentioned automatic pull-down circuit will set this pin to a logic ‘0’ state. As a result, to properly communicate with
the device in the SOT23 package, the A2, A1 and A0 software bits must always be set to logic ‘0’ for any operation.
Refer to Table 6-1 to review these bit positions.
The eighth bit (bit 0) of the device address byte is the Read/Write Select bit. A read operation is initiated if this bit is
high and a write operation is initiated if this bit is low.
Upon the successful comparison of the device address byte, the AT24CS32 will return an ACK. If a valid comparison
is not made, the device will NACK.
Table 6-1. Device Address Byte
Access Area
Device Type Identifier
Hardware Slave Address
Bits(1)
R/W Select
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EEPROM
1
0
1
0
A2
A1
A0
R/W
Serial Number
1
0
1
1
A2
A1
A0
R/W
Note: 
1.
The hardware slave address bits must be set to logic ‘0’ when using the SOT23 package.
For all operations except the current address read, two 8‑bit word address bytes must be transmitted to the device
immediately following the device address byte. The word address bytes consist of the 12‑bit memory array word
address, and are used to specify which byte location in the EEPROM to start reading or writing.
The first word address byte contains the four Most Significant bits of the word address (A11 through A8) in bit
positions three through zero, as seen in Table 6-2. The remainder of the first word address byte are “don’t care” bits
(in bit positions seven through five) as they are outside of the addressable 32‑Kbit range. Upon completion of the first
word address byte, the AT24CS32 will return an ACK.
AT24CS32
Memory Organization
© 2020 Microchip Technology Inc.
Datasheet
DS20006341A-page 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com