Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CS32 Datasheet(PDF) 22 Page - Microchip Technology

Part # AT24CS32
Description  I²C-Compatible (Two-Wire) Serial EEPROM with a Unique,Factory-Programmed 128-Bit Serial Number 32‑Kbit (4,096 x 8)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24CS32 Datasheet(HTML) 22 Page - Microchip Technology

Back Button AT24CS32 Datasheet HTML 18Page - Microchip Technology AT24CS32 Datasheet HTML 19Page - Microchip Technology AT24CS32 Datasheet HTML 20Page - Microchip Technology AT24CS32 Datasheet HTML 21Page - Microchip Technology AT24CS32 Datasheet HTML 22Page - Microchip Technology AT24CS32 Datasheet HTML 23Page - Microchip Technology AT24CS32 Datasheet HTML 24Page - Microchip Technology AT24CS32 Datasheet HTML 25Page - Microchip Technology AT24CS32 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Figure 8-2. Random Read
SCL
SDA
Start Condition
by Master
Device Address Byte
First Word Address Byte
MSb
MSb
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
0
1
0
A
2
A
1
A
0
0
0
Dummy Write
Start Condition
by Master
Device Address Byte
Data Word (n)
Stop Condition
by Master
MSb
MSb
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
0
1
0
A
2
A
1
A
0
1
0
D7 D6
D5 D4 D3
D2 D1 D0
1
X
X
X
X A11 A10 A9 A8
0
ACK
from Slave
ACK
from Slave
ACK
from Slave
NACK
from Master
Second Word Address Byte
MSb
A7 A6 A5 A4
A3 A2
A1 A0
0
ACK
from Slave
8.3
Sequential Read
Sequential reads are initiated by either a current address read or a random read. After the bus master receives a
data word, it responds with an Acknowledge. As long as the EEPROM receives an ACK, it will continue to increment
the word address and serially clock out sequential data words. When the maximum memory address is reached, the
data word address will rollover and the sequential read will continue from the beginning of the memory array. All
types of read operations will be terminated if the bus master does not respond with an ACK (it NACKs) during the
ninth clock cycle. After the NACK response, the master may send a Stop condition to complete the protocol, or it can
send a Start condition to begin the next sequence.
Figure 8-3. Sequential Read
SCL
SDA
Start Condition
by Master
ACK
from Slave
ACK
from Master
Device Address Byte
Data Word (n)
MSb
MSb
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
0
1
0
A
2
A
1
A
0
1
0
D7 D6
D5 D4
D3 D2 D1 D0
0
ACK
from Master
NACK
from Master
Stop Condition
by Master
ACK
from Master
Data Word (n+1)
Data Word (n+2)
Data Word (n+x)
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
D7 D6
D5
D4 D3 D2
D1 D0
0
D7
D6 D5
D4 D3
D2 D1
D0
0
D7 D6 D5
D4 D3
D2 D1
D0
1
MSb
MSb
MSb
8.4
Serial Number Read
Reading the serial number is similar to the sequential read sequence but requires use of the specific Device Address
and Word Address bytes as specified in Table 6-1 and Table 6-2.
Note:  The entire 128-bit value must be read from the starting address of the serial number block to ensure a unique
number.
AT24CS32
Read Operations
© 2020 Microchip Technology Inc.
Datasheet
DS20006341A-page 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com