Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P014 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD78P014
Description  MOS INTEGRATED CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P014 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD78P014 Datasheet HTML 1Page - Renesas Technology Corp UPD78P014 Datasheet HTML 2Page - Renesas Technology Corp UPD78P014 Datasheet HTML 3Page - Renesas Technology Corp UPD78P014 Datasheet HTML 4Page - Renesas Technology Corp UPD78P014 Datasheet HTML 5Page - Renesas Technology Corp UPD78P014 Datasheet HTML 6Page - Renesas Technology Corp UPD78P014 Datasheet HTML 7Page - Renesas Technology Corp UPD78P014 Datasheet HTML 8Page - Renesas Technology Corp UPD78P014 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
©
1992
DATA SHEET
DESCRIPTION
The
µPD78P014 is a member of the µPD78014 subseries of 78K/0 series products. It uses a one-time-programmable
(OTP) ROM or EPROM instead of the mask ROM of the
µPD78014.
Because the
µPD78P014 can be programmed by users, it is ideally suited for applications involving the evaluation
of systems in development stages, small-scale production of many different products, and rapid development and time-
to-market of a new product.
Detailed information about product features and specifications can be found in the following document. Please
make sure to read this document before starting design.
µPD78014, 78014Y Series User’s Manual : IEU-1343
FEATURES
• Pin compatible with mask ROM versions (except VPP pin)
• Internal PROM: 32K bytesNote
•
µPD78P014DW
: Reprogrammable (ideal for system evaluation)
•
µPD78P014CW, 78P014GC-AB8 : Programmable once only (ideal for small-scale production)
• Internal high-speed RAM: 1024 bytesNote
• Buffer RAM: 32 bytes
• Operable over same supply voltage range as mask ROM version (2.7 to 6.0 V)
• Available for the QTOPTM microcomputer
Note The internal PROM and internal high-speed RAM size can be set by means of the memory size switching
register.
Remark
The QTOP microcomputer is the general term for a single-chip microcomputer with on-chip one-time
PROM. NEC supports its program writing, marking, screening, and verification.
MOS INTEGRATED CIRCUIT
ORDERING INFORMATION
Part No.
Package
Internal ROM
µPD78P014CW
64-pin plastic shrink DIP (750 mil)
One-time PROM
µPD78P014DW
64-pin ceramic shrink DIP (with window) (750 mil)
EPROM
µPD78P014GC-AB8
64-pin plastic QFP (14
× 14 mm)
One-time PROM
In this document, the common parts of the one-time PROM version and EPROM version are represented by PROM.
Differences from mask ROM versions are as follows:
• The same memory mapping as on a mask ROM version is possible by setting the memory size
switching register.
• There is no function for incorporating pull-up resistors by means of a mask option in P60 to P63
pins.
µPD78P014
8-BIT SINGLE-CHIP MICROCOMPUTER
Document No. IC-3098C
(O. D. No. IC-8111C)
Date Published January 1995 P
Printed in Japan
The mark 5 shows revised points.
The information in this document is subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com