Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P014 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # UPD78P014
Description  MOS INTEGRATED CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P014 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button UPD78P014 Datasheet HTML 34Page - Renesas Technology Corp UPD78P014 Datasheet HTML 35Page - Renesas Technology Corp UPD78P014 Datasheet HTML 36Page - Renesas Technology Corp UPD78P014 Datasheet HTML 37Page - Renesas Technology Corp UPD78P014 Datasheet HTML 38Page - Renesas Technology Corp UPD78P014 Datasheet HTML 39Page - Renesas Technology Corp UPD78P014 Datasheet HTML 40Page - Renesas Technology Corp UPD78P014 Datasheet HTML 41Page - Renesas Technology Corp UPD78P014 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
36
µPD78P014
Parameter
SCK cycle time
SCK high/low-level
width
SI setup time (to SCK
↑)
SI hold time (from SCK
↑)
SO output delay time
from SCK
↓
(g)
3-wire serial I/O mode with automatic transmit/receive function (SCK...Internal clock output)
MIN.
TYP.
MAX.
Unit
800
ns
3200
ns
tKCY7/2 – 50
ns
tKCY7/2 – 150
ns
100
ns
400
ns
300
ns
1000
ns
400
tKCY7
ns
tKCY7 – 30
tKCY7 + 30
ns
100
ns
100
ns
2tKCY7
ns
Test Conditions
VDD = 4.5 to 6.0 V
VDD = 4.5 to 6.0 V
Note
VDD = 4.5 to 6.0 V
C = 100 pF
Symbol
tKCY7
tKH7
tKL7
tSIK7
tKSI7
tKSO7
tSBD
tSBW
tBYS
tBYH
tSPS
Parameter
SCK cycle time
SCK high/low-level
width
SI setup time (to SCK
↑)
SI hold time (from SCK
↑)
SO output delay time
from SCK
↓
STB
↑ from SCK↑
Strobe signal high-
level width
Busy signal setup time
(to busy signal
detection timing)
Busy signal hold time
(from busy signal
detection timing)
SCK
↓ from busy
inactive
Note C is the load capacitance of the SO output line.
(h)
3-wire serial I/O mode with automatic transmit/receive function (SCK...External clock input)
MIN.
TYP.
MAX.
Unit
800
ns
3200
ns
400
ns
1600
ns
100
ns
400
ns
300
ns
1000
ns
Symbol
tKCY8
tKH8
tKL8
tSIK8
tKSI8
tKSO8
Test Conditions
VDD = 4.5 to 6.0 V
VDD = 4.5 to 6.0 V
Note
VDD = 4.5 to 6.0 V
C = 100 pF
When using the external device
expansion function
When not using the external
device expansion function
160
1000
ns
ns
tR8
tF8
SCK rise and fall times
5
5
Note C is the load capacitance of the SO output line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com