Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P014 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD78P014
Description  MOS INTEGRATED CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P014 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD78P014 Datasheet HTML 9Page - Renesas Technology Corp UPD78P014 Datasheet HTML 10Page - Renesas Technology Corp UPD78P014 Datasheet HTML 11Page - Renesas Technology Corp UPD78P014 Datasheet HTML 12Page - Renesas Technology Corp UPD78P014 Datasheet HTML 13Page - Renesas Technology Corp UPD78P014 Datasheet HTML 14Page - Renesas Technology Corp UPD78P014 Datasheet HTML 15Page - Renesas Technology Corp UPD78P014 Datasheet HTML 16Page - Renesas Technology Corp UPD78P014 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
11
µPD78P014
1.
DIFFERENCES BETWEEN
µPD78P014 AND MASK ROM VERSION
The
µPD78P014 incorporates one-time PROM which can be written to once only, or EPROM to which programs
can be written, erased and rewritten.
By setting the internal memory size switching register, it is possible to make the functions of this device, except
for the PROM specification and mask option for pins P60 to P63, identical to those of a mask ROM version.
The differences between
µPD78P014 and mask ROM versions are shown in Table 1-1.
Table 1-1. Differences Between
µPD78P014 and Mask ROM Version
µPD78P014
IC pin
VPP pin
Mask option for pins P60 to P63
No
Yes
No mask option for incorporation of pull-
up resistor
Yes
No
Pull-up resistor incorporation possible by
means of mask option
Item
Mask ROM Version
Caution In the
µPD78P014, the capacity of the internal PROM and internal high-speed RAM can be changed by using
the internal memory size switching register.
RESET input sets internal PROM to 32K bytes and internal high-speed RAM to 1K bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com