Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P014 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD78P014
Description  MOS INTEGRATED CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P014 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD78P014 Datasheet HTML 17Page - Renesas Technology Corp UPD78P014 Datasheet HTML 18Page - Renesas Technology Corp UPD78P014 Datasheet HTML 19Page - Renesas Technology Corp UPD78P014 Datasheet HTML 20Page - Renesas Technology Corp UPD78P014 Datasheet HTML 21Page - Renesas Technology Corp UPD78P014 Datasheet HTML 22Page - Renesas Technology Corp UPD78P014 Datasheet HTML 23Page - Renesas Technology Corp UPD78P014 Datasheet HTML 24Page - Renesas Technology Corp UPD78P014 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
19
µPD78P014
4.
PROM PROGRAMMING
The
µPD78P014 incorporates a 32K-byte PROM as program memory. When programming the µPD78P014, the
PROM programming mode is set by means of the VPP and RESET pins. For the connection of unused pins, see “PIN
CONFIGURATION (2) PROM programming mode”.
4.1
Operating Modes
When +5 V or +12.5 V is applied to the VPP pin and a low-level signal is applied to the RESET pin, the
µPD78P014
enters the programming mode. This is one of the operating modes shown in Table 4-1 below according to the setting
of the CE and OE pins.
Also, the PROM contents can be read by setting the read mode.
Data input
Data output
High-impedance
Data output
High-impedance
High-impedance
Operating Mode
H
L
H
L
H
L/H
L
H
H
L
L
H
Program write
Program verify
Program inhibit
Read
Output disable
Standby
Pins
Table 4-1. PROM Programming Operating Modes
RESET
VPP
VDD
D0 to D7
CE
OE
+6 V
+12.5 V
+5 V
+5 V
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com