Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P014 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # UPD78P014
Description  MOS INTEGRATED CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P014 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button UPD78P014 Datasheet HTML 49Page - Renesas Technology Corp UPD78P014 Datasheet HTML 50Page - Renesas Technology Corp UPD78P014 Datasheet HTML 51Page - Renesas Technology Corp UPD78P014 Datasheet HTML 52Page - Renesas Technology Corp UPD78P014 Datasheet HTML 53Page - Renesas Technology Corp UPD78P014 Datasheet HTML 54Page - Renesas Technology Corp UPD78P014 Datasheet HTML 55Page - Renesas Technology Corp UPD78P014 Datasheet HTML 56Page - Renesas Technology Corp UPD78P014 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
51
µPD78P014
VOL vs IOL (Port 1)
VOL vs IOL (Ports 0 , 2 to 5, P64 to P67)
(Ta = 25
°C)
VDD = 6 V
VDD = 5 V
VDD = 4 V
VDD = 3 V
30
20
10
0
0
0.5
1.0
Output Voltage Low VOL [V]
(Ta = 25
°C)
VDD = 6 V
VDD = 5 V
VDD = 4 V
VDD = 3 V
30
20
10
0
0
0.5
1.0
Output Voltage Low VOL [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com