Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P014 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # UPD78P014
Description  MOS INTEGRATED CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P014 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button UPD78P014 Datasheet HTML 24Page - Renesas Technology Corp UPD78P014 Datasheet HTML 25Page - Renesas Technology Corp UPD78P014 Datasheet HTML 26Page - Renesas Technology Corp UPD78P014 Datasheet HTML 27Page - Renesas Technology Corp UPD78P014 Datasheet HTML 28Page - Renesas Technology Corp UPD78P014 Datasheet HTML 29Page - Renesas Technology Corp UPD78P014 Datasheet HTML 30Page - Renesas Technology Corp UPD78P014 Datasheet HTML 31Page - Renesas Technology Corp UPD78P014 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
26
µPD78P014
Subsystem Clock Oscillator Characteristics (Ta = –40 to +85
°C, VDD = 2.7 to 6.0 V)
MIN.
TYP.
MAX.
Unit
32
32.768
35
kHz
1.2
2
s
10
32
100
kHz
515
µs
Recommended
Circuit
Parameter
Oscillation frequency
(fXT)Note 1
Oscillation stabiliza-
tion timeNote 2
XT1 input frequency
(fXT)Note 1
XT1 input high-/low-
level width (tXTH/tXTL)
Resonator
Crystal
resonator
External clock
Notes 1. Only the oscillator characteristics are shown. Refer to AC characteristics for instruction execution times.
2. Time required to stabilize oscillation after VDD reaches MIN. of oscillation voltage range.
Cautions 1. When the subsystem clock oscillator is used, the following should be noted concerning wiring in the
area in the figure enclosed by a dotted line to prevent the influence of wiring capacitance, etc.
• The wiring should be kept as short as possible.
• No other signal lines should be crossed.
• Keep away from lines carrying a high fluctuating current.
• The oscillator capacitor grounding point should always be at the same potential as VSS.
• Do not connect to a ground pattern carrying a high current.
• A signal should not be taken from the oscillator.
2. The subsystem clock oscillator is a circuit with a low amplification level, more prone to misoperation
due to noise than the main system clock. When using the subsystem clock, special care is needed
regarding the wiring method.
Test Conditions
VDD = 4.5 to 6.0 V
XT1 XT2
C3
C4
R2
Vss
XT1 XT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com