Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP7615 Datasheet(PDF) 11 Page - Mitel Networks Corporation

Part # VP7615
Description  Colour Digital Video Camera Decoder IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP7615 Datasheet(HTML) 11 Page - Mitel Networks Corporation

Back Button VP7615 Datasheet HTML 7Page - Mitel Networks Corporation VP7615 Datasheet HTML 8Page - Mitel Networks Corporation VP7615 Datasheet HTML 9Page - Mitel Networks Corporation VP7615 Datasheet HTML 10Page - Mitel Networks Corporation VP7615 Datasheet HTML 11Page - Mitel Networks Corporation VP7615 Datasheet HTML 12Page - Mitel Networks Corporation VP7615 Datasheet HTML 13Page - Mitel Networks Corporation VP7615 Datasheet HTML 14Page - Mitel Networks Corporation VP7615 Datasheet HTML 15Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
VP7615
Address 0x0C Output Sense Control Register
Read/Write
Bit 7
SWPYUV - YY and UV Swap
‘0’ =
Normal: YY and UV are in proper positions
CCIR601 output mode: YY data on YY bus; UV data on UV bus CCIR656
output mode: UYVY
‘1’ =
Swapped: YY and UV in each other’s positions
CCIR601 output mode: UV data on YY bus; YY data on UV bus CCIR656
output mode: YUYV .
Bit 6
SWPUV - UV Swap
‘0’ =
Normal: U and V are in position for CCIR601/656: U before V
‘1’ =
Swapped: U and V are swapped in time: V before U
Bit 5
VAG - VACT Gate
‘1’ =
Gated: VACT active gated by HACT
‘0’ =
Normal: VACT active during Active Lines
Bit 4
HAG - HACT Gate
‘1’ =
Gated: HACT active gated by VACT
‘0’ =
Normal: HACT active during Active Pixels
Bit 3
VAS - VACT Sense
‘1’ =
Active High: VACT = 1 during Active Lines
‘0’ =
Active Low: VACT = 0 during Active Lines
Bit 2
HAS - HACT Sense
‘1’ =
Active High: HACT = 1 during Active Pixels
‘0’ =
Active Low: HACT = 0 during Active Pixels
Bit 1
VSS - VSYNC Sense
‘1’ =
Active High: VSYNC = 1 during Vertical Sync
‘0’ =
Active Low: VSYNC = 0 during Vertical Sync
Bit 0
HSS - HSYNC Sense
‘1’ =
Active High: HSYNC = 1 during Horizontal Sync
‘0’ =
Active Low: HSYNC = 0 during Horizontal Sync
This register defaults on chip reset to 0x0C.
Address 0x0D VACT Control Register
Read/Write
Bit 7
VAFIX - VACT Control
This bit provides backward compatibility for certain iCam cameras.
‘0’ =
Disabled:
VACT controlled by camera timing
‘1’ =
Enabled:
VACT is inactive during a fixed number of lines during Vertical Blanking.
This only effects the end, and not the beginning, of Vertical Blanking.
Bit 6
Always read as ‘0’
Bits 5 - 0
VFCnt5 - VFCnt0
This field modifies the end of Vertical Blanking if VAFIX is ‘1’ by setting the number of lines that
VACT will be inactive during Vertical Blanking.
This register defaults on chip reset to 0x3F.
7
SWPYUV
6
SWPUV
5
VAG
4
HAG
3
VAS
2
HAS
1
VSS
0
HSS
7
VAFIX
6
0
5
VFCnt5
4
VFCnt4
3
VFCnt3
2
VFCnt2
1
VFCnt1
0
VFCnt0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com