Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP7615 Datasheet(PDF) 19 Page - Mitel Networks Corporation

Part # VP7615
Description  Colour Digital Video Camera Decoder IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP7615 Datasheet(HTML) 19 Page - Mitel Networks Corporation

Back Button VP7615 Datasheet HTML 15Page - Mitel Networks Corporation VP7615 Datasheet HTML 16Page - Mitel Networks Corporation VP7615 Datasheet HTML 17Page - Mitel Networks Corporation VP7615 Datasheet HTML 18Page - Mitel Networks Corporation VP7615 Datasheet HTML 19Page - Mitel Networks Corporation VP7615 Datasheet HTML 20Page - Mitel Networks Corporation VP7615 Datasheet HTML 21Page - Mitel Networks Corporation VP7615 Datasheet HTML 22Page - Mitel Networks Corporation VP7615 Datasheet HTML 23Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
19
VP7615
RCLK to output (CPSEL, SDAO, SDMN)
rising edge of CPCKA or CPCKB to output (YY[7..0], UV[7..0],
CLK1, VSYNC, HSYNC,VACT, HACT, BFLAG)
falling edge of CLK2 to output (YY[7..0], UV[7..0], CLK1, VSYNC,
HSYNC, VACT, HACT, BFLAG)
falling edge of CLK1 to output (YY[7..0], UV[7..0],VSYNC, HSYNC,
VACT, HACT, BFLAG)
propagation delay from CPCKA or CPCKB to CK2
propagation delay from INVI to INVO
propagation delay from SCLI to SCLOA or SCLOB
rising edge of OUTEN to outputs tri-state (CLK1, CLK2, VSYNC,
HSYNC, VACT, HACT, BFLAG, FIELD, YY[7:0], UV[7:0])
falling edge of OUTEN to outputs (CLK1, CLK2, VSYNC, HSYNC,
VACT, HACT, BFLAG, FIELD, YY[7:0], UV[7:0])
-2
-3
20
21
7
5
12
11
15
30
30
ns
ns
ns
ns
ns
ns
ns
ns
ns
fCPX
tCPX
dcCPX
tsuCPDX
thCPDX
fRCK
twRSTN
Description
Name
frequency CPCKA or CPCKB
period CPCKA or CPCKB
duty cycle CPCKA or CPCKB
setup time,
CPDA [3..0] to CPCKA or
CPDB [3..0] to CPCKB
hold time,
CPDA [3..0] to CPCKA or
CPDB [3..0] to CPCKB
frequency RCLK
pulse width of RSTN
Unit
Min.
Max.
MHz
ns
%
ns
ns
MHz
ns
0
33
40
4
4
10
110
30
-
60
33
TIMING REQUIREMENTS
Value
tcqRCLK
tcpCPX
tcqCK2f
tcpCK1f
tpdCK2
tpdINV
tpdSCL
tdis
toen
Description
Name
Unit
Min.
TIMING CHARACTERISTICS
Value
Max.
HACT
VACT
FIELD
VSYNC
H
3.0H
Fig.8 Odd Field Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com