Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP7615 Datasheet(PDF) 16 Page - Mitel Networks Corporation

Part # VP7615
Description  Colour Digital Video Camera Decoder IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP7615 Datasheet(HTML) 16 Page - Mitel Networks Corporation

Back Button VP7615 Datasheet HTML 12Page - Mitel Networks Corporation VP7615 Datasheet HTML 13Page - Mitel Networks Corporation VP7615 Datasheet HTML 14Page - Mitel Networks Corporation VP7615 Datasheet HTML 15Page - Mitel Networks Corporation VP7615 Datasheet HTML 16Page - Mitel Networks Corporation VP7615 Datasheet HTML 17Page - Mitel Networks Corporation VP7615 Datasheet HTML 18Page - Mitel Networks Corporation VP7615 Datasheet HTML 19Page - Mitel Networks Corporation VP7615 Datasheet HTML 20Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
16
VP7615
Fig.2 Video Interface Timing Diagram
CPCKA
or CPCKB
CLK1
VSYNC, HSYNC
VACT, HACT
BFLAG, FIELD
VSYNC, HSYNC
VACT, HACT
BFLAG, FIELD
YY[7:0]
UV[7:0]
CCSEL = Low
YY[7:0]
CCSEL = High
CPCKA
or CPCKB
CLK2
CLK1
tcpCK1f
tcqCPX
tpdCK2
tpdCK2
tcqCPX
tcpCK2f
tcpCK2f
LUMA
CHROMA
LUMA
CHROMA
OUTEN
CLK1, CLK2
VSYNC, HSYNC,
VACT, HACT
BFLAG, FIELD
YY[7:0], UV[7:0]
toen
tdis
High Impedance
Signal Timing
The clock source for the VP7615 is the clock input of the
selected CamPort. Since there are two CamPort inputs, the
selected clock is brought out as an output, namely CLK2.
Since the frequency of this clock is twice the pixel rate, another
output, CLK1, is provided which runs at the pixel rate.
It is anticipated that the VP7615 user would use one or both of
these clocks to clock the data and timing outputs into another
device. In order to assure hold times into any device, the clock
outputs CLK1 and CLK2 were inverted inside the VP7615 so
that the data and timing outputs would change near the falling
edge of these clocks, and would be stable at their rising edges.
The timing specifications characterize the delay from the
falling edges of CLK1 and CLK2 to the edges of the data and
timing outputs. It is left to the system designer to calculate the
available setup and hold times based on these timing
specifications, the period of CLK1 and CLK2 and their duty
cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com