Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP7615 Datasheet(PDF) 14 Page - Mitel Networks Corporation

Part # VP7615
Description  Colour Digital Video Camera Decoder IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP7615 Datasheet(HTML) 14 Page - Mitel Networks Corporation

Back Button VP7615 Datasheet HTML 10Page - Mitel Networks Corporation VP7615 Datasheet HTML 11Page - Mitel Networks Corporation VP7615 Datasheet HTML 12Page - Mitel Networks Corporation VP7615 Datasheet HTML 13Page - Mitel Networks Corporation VP7615 Datasheet HTML 14Page - Mitel Networks Corporation VP7615 Datasheet HTML 15Page - Mitel Networks Corporation VP7615 Datasheet HTML 16Page - Mitel Networks Corporation VP7615 Datasheet HTML 17Page - Mitel Networks Corporation VP7615 Datasheet HTML 18Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
14
VP7615
Address 0x23 Red Coefficients Sign Register
Read/Write
Bit 1
Sign for CmD to Red Coefficient
Bit 0
Sign for AmB to Red Coefficient
‘1’ Coefficient is negative
‘0’ Coefficient is positive
Address 0x24 Sum to Green Coefficient Register
Read/Write
This register contains the magnitude of the Coefficient which
determines the contribution to the Green signal from the Sum signal.
Address 0x25 AmB to Green Coefficient Register
Read/Write
This register contains the magnitude of the Coefficient which
determines the contribution to the Green signal from the AmB signal.
Address 0x26 CmD to Green Coefficient Register
Read/Write
This register contains the magnitude of the Coefficient which
determines the contribution to the Green signal from the CmD signal.
Address 0x27 Green Coefficients Sign Register
Read/Write
Bit 1
Sign for CmD to Green Coefficient
Bit 0
Sign for AmB to Green Coefficient
‘1’ Coefficient is negative
‘0’ Coefficient is positive
Address 0x28 Sum to Blue Coefficient Register
Read/Write
This register contains the magnitude of the Coefficient which
determines the contribution to the Blue signal from the Sum signal.
Address 0x29 AmB to Blue Coefficient Register
Read/Write
This register contains the magnitude of the Coefficient which
determines the contribution to the Blue signal from the AmB signal.
Address 0x2A CmD to Blue Coefficient Register
Read/Write
This register contains the magnitude of the Coefficient which
determines the contribution to the Blue signal from the CmD signal.
Address 0x2B Blue Coefficients Sign Register
Read/Write
Bit 1
Sign for CmD to Blue Coefficient
Bit 0
Sign for AmB to Blue Coefficient
‘1’ Coefficient is negative
‘0’ Coefficient is positive
7
0
6
0
5
0
4
0
3
0
2
0
1
GCmD
0
GAmB
7
0
6
0
5
0
4
0
3
0
2
0
1
BCmD
0
BAmB
7
0
6
0
5
0
4
0
3
0
2
0
1
RCmD
0
RAmB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com