Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP7615 Datasheet(PDF) 24 Page - Mitel Networks Corporation

Part # VP7615
Description  Colour Digital Video Camera Decoder IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP7615 Datasheet(HTML) 24 Page - Mitel Networks Corporation

Back Button VP7615 Datasheet HTML 17Page - Mitel Networks Corporation VP7615 Datasheet HTML 18Page - Mitel Networks Corporation VP7615 Datasheet HTML 19Page - Mitel Networks Corporation VP7615 Datasheet HTML 20Page - Mitel Networks Corporation VP7615 Datasheet HTML 21Page - Mitel Networks Corporation VP7615 Datasheet HTML 22Page - Mitel Networks Corporation VP7615 Datasheet HTML 23Page - Mitel Networks Corporation VP7615 Datasheet HTML 24Page - Mitel Networks Corporation VP7615 Datasheet HTML 25Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
24
VP7615
PACKAGE DETAILS
Dimensions are shown thus: mm (in). For further package information, please contact your local Customer Service Centre.
15·80/16·20
(0·622/0·638)
1·60 (0·063)
MAX.
PIN 100
13·80/14·20
(0·543/0·559)
SQ.
100-LEAD FINE PITCH PLASTIC QUAD FLATPACK – FPD100
0·20 (0·008)
MAX.
1·35 /1·45
(0·053/0·057)
0
° - 7°
12·00 (0·472)
NOM.
PIN 1
NOTES
1. Controlling dimensions are millimetres.
2. Pin 1 indicator may be a corner chamfer, dot or
both.
3. This package outline diagram is for guidance
only. Please contact your Mitel Semiconductor
CustomerService Centre for further information.
100 LEADS AT
0·50 (0·020)
NOM. SPACING
0·17/0·27
(0·007/0·011)
0·45/0·75
(0·018/0·030)
0·05/0·15
(0·002/0·006)
INDEX
Purchase of Mitel Semiconductor I2C components conveys a licence under the Philips I2C
Patent rights to use these components in an I2C System, provided that the system
conforms to the I2C Standard Specification as defined by Philips
Internet: http://www.gpsemi.com
CUSTOMER SERVICE CENTRES
G FRANCE & BENELUX Les Ulis Cedex Tel: (1) 69 18 90 00 Fax : (1) 64 46 06 07
G GERMANY Munich Tel: (089) 419508-20 Fax : (089) 419508-55
G ITALY Milan Tel: (02) 6607151 Fax: (02) 66040993
G JAPAN Tokyo Tel: (03) 5276-5501 Fax: (03) 5276-5510
G KOREA Seoul Tel: (2) 5668141 Fax: (2) 5697933
G NORTH AMERICA Scotts Valley, USA Tel: (408) 438 2900 Fax: (408) 438 5576/6231
G SOUTH EAST ASIA Singapore Tel:(65) 3827708 Fax: (65) 3828872
G SWEDEN Stockholm Tel: 46 8 702 97 70 Fax: 46 8 640 47 36
G TAIWAN, ROC Taipei Tel: 886 2 25461260 Fax: 886 2 27190260
G UK, EIRE, DENMARK, FINLAND & NORWAY
Swindon Tel: (01793) 726666 Fax : (01793) 518582
These are supported by Agents and Distributors in major countries world-wide.
© Mitel Corporation 1998 Publication No. DS4602 Issue No. 3.1 August 1997
TECHNICAL DOCUMENTATION – NOT FOR RESALE. PRINTED IN UNITED KINGDOM
HEADQUARTERS OPERATIONS
MITEL SEMICONDUCTOR
Cheney Manor, Swindon,
Wiltshire SN2 2QW, United Kingdom.
Tel: (01793) 518000
Fax: (01793) 518411
MITEL SEMICONDUCTOR
1500 Green Hills Road,
Scotts Valley, California 95066-4922
United States of America.
Tel (408) 438 2900
Fax: (408) 438 5576/6231
This publication is issued to provide information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded
as a representation relating to the products or services concerned. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. The Company
reserves the right to alter without prior notice the specification, design or price of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any
guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and
to ensure that any publication or data used is up to date and has not been superseded. These products are not suitable for use in any medical products whose failure to perform may result in significant injury
or death to the user. All products and materials are sold and services provided subject to the Company's conditions of sale, which are available on request.
All brand names and product names used in this publication are trademarks, registered trademarks or trade names of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com