Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP7615 Datasheet(PDF) 20 Page - Mitel Networks Corporation

Part # VP7615
Description  Colour Digital Video Camera Decoder IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP7615 Datasheet(HTML) 20 Page - Mitel Networks Corporation

Back Button VP7615 Datasheet HTML 16Page - Mitel Networks Corporation VP7615 Datasheet HTML 17Page - Mitel Networks Corporation VP7615 Datasheet HTML 18Page - Mitel Networks Corporation VP7615 Datasheet HTML 19Page - Mitel Networks Corporation VP7615 Datasheet HTML 20Page - Mitel Networks Corporation VP7615 Datasheet HTML 21Page - Mitel Networks Corporation VP7615 Datasheet HTML 22Page - Mitel Networks Corporation VP7615 Datasheet HTML 23Page - Mitel Networks Corporation VP7615 Datasheet HTML 24Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
20
VP7615
Min.
0.8V
DD
-
0.7V
DD
2.0
-1
-1
10
Typ.
10
Max.
-
0.4
-
0.2V
DD
-
0.8
+1
+1
300
Output high voltage
Output low voltage
Input high voltage (CMOS input)
Input low voltage (CMOS input)
Input high voltage (TTL input)
Input low voltage (TTL input)
Input leakage current
Input capacitance
Output leakage current
Output S/C current
NOTES ON MAXIMUM RATINGS
1. Exceeding these ratings may cause permanent damage.
Functional operation under these conditions is not implied.
2. Maximum dissipation for 1 second should not be
exceeded, only one output to be tested at any one time.
3. Exposure to absolute maximum ratings for extended
periods may affect device reliablity.
4. Current is defined as negative into the device.
ABSOLUTE MAXIMUM RATINGS [See Notes]
Supply voltage VDD
-0.5V to 7.0V
Input voltage V
IN
-0.5V to VDD + 0.5V
Output voltage V
OUT
-0.5V to VDD + 0.5V
Clamp diode current per pin I
K (see note 2)
18mA
Static discharge voltage (HBM)
500V
Storage temperature T
S
-55
°C to 150°C
Ambient temperature with power applied T
AMB
0
°C to 70°C
Junction temperature
125
°C
Package power dissipation
1000mW
STATIC ELECTRICAL CHARACTERISTICS
Operating Conditions (unless otherwise stated)
T
amb = 0°C
to +70
°C V
DD = 5.0v ± 10%
V
V
V
V
V
V
µA
pF
µA
mA
V
OH
V
OL
V
IHC
V
ILC
V
IHT
V
ILT
I
IN
C
IN
I
OZ
I
SC
I
OH = 4mA
I
OL = -4mA
GND < V
IN < VDD
GND < V
OUT < VDD
V
DD = Max
Characteristic
Symbol
Value
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com