Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5048 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP5048
Description  60V, 15A, 7mΩ RDS(ON) Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5048 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP5048 Datasheet HTML 13Page - Monolithic Power Systems MP5048 Datasheet HTML 14Page - Monolithic Power Systems MP5048 Datasheet HTML 15Page - Monolithic Power Systems MP5048 Datasheet HTML 16Page - Monolithic Power Systems MP5048 Datasheet HTML 17Page - Monolithic Power Systems MP5048 Datasheet HTML 18Page - Monolithic Power Systems MP5048 Datasheet HTML 19Page - Monolithic Power Systems MP5048 Datasheet HTML 20Page - Monolithic Power Systems MP5048 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
MP5048
– 60V, 15A, 7mΩ RDS(ON) HOT-SWAP INTELLI-FUSE SOLUTION
MP5048 Rev. 1.1
www.MonolithicPower.com
17
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Insertion Delay
MP5048
UVLO
VOUT
ON
VCC
VCLREF
SS Limit
VCLREF_NORM
t
Figure 13: MP5048 SS Current Limit
If VOUT drops below 90% of VIN, the current limit
reference is clamped to VBE (660mV with a
negative
temperature
coefficient),
and
the
thermal shutdown threshold is 153°C.
If the CS limit reference configuration current is
8
μA, then the external CLREF voltage depends
on the CLREF external resistor. If the external
CLREF voltage drops below the clamp voltage
(VCLREF_CLAMP), the actual current limit reference
voltage is determined by the external CLREF
voltage.
If VOUT ≥ 90% of VIN, the internal maximum
current limit reference voltage is disabled. The
CS limit reference configuration current ranges
between 8
μA and 26μA (8μA + 18μA), and CS is
limited by the CLREF
’s externally configured
value (typically limited to 2V).
If VCS exceeds the SS limit during start-up, the
power FET gate voltage is regulated to hold the
FET current constant. If the power FET remains
on while VOUT remains below 90% of VIN within
the 200ms maximum soft-start time, the power
FET shuts down when the 200ms time ends. If
the value of the SS limit is higher, the power FET
start-up instantaneous loss is large and a
thermal shutdown is triggered before the 200ms
time ends. In this case, FAULT is driven low (see
Figure 14).
t
VGS
VOUT
FAULT
ON
VCS
600mV
Maximum SS time 200ms
VGS_TH
VSS_LIMT
Thermal
Shutdown
Figure 14: Failed Start-Up Within 200ms
If VOUT drops below 20% of VIN during start-up
and the power FET current is regulated by
VSS_LIMIT for the start-up SCP timer, the power
FET turns off with a fault latch condition, and
FAULT is pulled low.
Current Limit During Normal Operation
When the MP5048 detects that start-up has
finished, the part enters normal operation.
During normal operation, once VCS (which is
configured by an external resistor) exceeds the
normal CLREF threshold, the internal circuit
regulates the gate voltage to hold the power FET
constant. To limit the current, the gate-to-source
voltage must be regulated from 5V to about VTH.
The typical response time is about 14µs. The
output current may have a small overshoot
during this time period.
If the current limit is reached, the internal fault
timer starts. If the output current falls below the
current limit threshold before the end of the over-
current protection (OCP) fault timeout period, the
MP5048 resumes normal operation. If the
current exceeds the fault timeout period, the
power FET latches off and FAULT is pulled low.
The desired current limit during normal operation
is a function of CS
’s external resistor (RCS).
The MP5048 current limit value can exceed the
normal
maximum
load
current,
allowing
tolerances in the current-sense value. The
current limit can be estimated with Equation (2):
CS
CS
CLREF_NORM
LIMIT
R
G
V
I
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com