Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5048 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP5048
Description  60V, 15A, 7mΩ RDS(ON) Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5048 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP5048 Datasheet HTML 2Page - Monolithic Power Systems MP5048 Datasheet HTML 3Page - Monolithic Power Systems MP5048 Datasheet HTML 4Page - Monolithic Power Systems MP5048 Datasheet HTML 5Page - Monolithic Power Systems MP5048 Datasheet HTML 6Page - Monolithic Power Systems MP5048 Datasheet HTML 7Page - Monolithic Power Systems MP5048 Datasheet HTML 8Page - Monolithic Power Systems MP5048 Datasheet HTML 9Page - Monolithic Power Systems MP5048 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MP5048
– 60V, 15A, 7mΩ RDS(ON) HOT-SWAP INTELLI-FUSE SOLUTION
MP5048 Rev. 1.1
www.MonolithicPower.com
6
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 48V, RCS = 3.6kΩ, COUT = 1000μF, TJ = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current
Quiescent current
IQ
ON = high, no load
2.2
3
mA
ON = 0, VIN = 48V
1.6
2.4
mA
VCC Regulator and UVLO
VCC regulator
VCC
4.45
4.6
4.75
V
VCC load regulation
ICC = 10mA
5
%
VCC under-voltage lockout
rising threshold
VCCVTH
3.5
3.65
3.8
V
VCC under-voltage lockout
threshold hysteresis
VCCHYS
380
mV
3V regulator
V3V
2.9
3
3.1
VIN Under-Voltage/Over-Voltage Protection (UVP, OVP)
VIN under-voltage
protection rising
VINUVR
VCC = 5V
5.25
V
VIN under-voltage
protection falling
VINUVF
VCC = 5V
5
V
VIN OV fault threshold
VINOVP
ON = 0V
64
V
VIN OV hysterisis
VINIOV_HYS
2
V
Power FET
On resistance
RDS(ON)
TJ = 25°C
7
m
Ω
TJ = 85°C (5)
9
Off state leakage current
IOFF
ON = 0V
5
μA
Maximum continuous
current (5)
IOUT_MAX
15
A
Thermal Shutdown and Recovery
Shutdown temperature (5)
tSTD
153
°C
Hysteresis (5)
tHYS
Auto-retry mode only
26
°C
CLREF
Internal current source
ICLREF
26
µA
Soft-start current limit
SSLIMIT
8
µA
CS
CS gain accuarcy
1A ≤ IOUT ≤ 15A
-2.5
+2.5
%
CS gain
25
µA/A
Soft Start
SS pull-up current
ISS
VIN = 48V
11.5
μA
Current Limit
Primary current limit during
normal operation
ILIMIT_PRIM
RCS = 3.6
kΩ, RCLREF = 53.6kΩ
15.5
A
Primary current limit
response time (5)
tCL_PRIM
ILIMIT = 15A
20
μs
Secondary current limit (5)
ILIMIT_SCD
Regardless of RCS
26
A
Short-circuit protection
response time (5)
tSC
200
ns
Output Current Monitor
IIMON/IOUT gain
AIMON
25
μA/A
IIMON/IOUT gain accuracy
AIMON_ACCR
1A ≤ IOUT ≤ 15A
-1.5
+1.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com