Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5048 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP5048
Description  60V, 15A, 7mΩ RDS(ON) Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5048 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP5048 Datasheet HTML 9Page - Monolithic Power Systems MP5048 Datasheet HTML 10Page - Monolithic Power Systems MP5048 Datasheet HTML 11Page - Monolithic Power Systems MP5048 Datasheet HTML 12Page - Monolithic Power Systems MP5048 Datasheet HTML 13Page - Monolithic Power Systems MP5048 Datasheet HTML 14Page - Monolithic Power Systems MP5048 Datasheet HTML 15Page - Monolithic Power Systems MP5048 Datasheet HTML 16Page - Monolithic Power Systems MP5048 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
MP5048
– 60V, 15A, 7mΩ RDS(ON) HOT-SWAP INTELLI-FUSE SOLUTION
MP5048 Rev. 1.1
www.MonolithicPower.com
13
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
VIN
VCC
LDO
26µA
Current
Sense
Control Logic
IMON
CS
CLREF
IN OUT
VCC
8µA
ISENSE
AMP
AMP
AMP
I = (VIN / 3.6MΩ)
2.46M
Ω
175k
Ω
OUT
SS
Soft Start
0.75V
Charge
Pump
Fast-Off
Compensation
VBE
3V
LDO
18µA
SSRDY
VCC
VCC
VCC
ISENSE
Figure 5: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com