Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5048 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP5048
Description  60V, 15A, 7mΩ RDS(ON) Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5048 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP5048 Datasheet HTML 1Page - Monolithic Power Systems MP5048 Datasheet HTML 2Page - Monolithic Power Systems MP5048 Datasheet HTML 3Page - Monolithic Power Systems MP5048 Datasheet HTML 4Page - Monolithic Power Systems MP5048 Datasheet HTML 5Page - Monolithic Power Systems MP5048 Datasheet HTML 6Page - Monolithic Power Systems MP5048 Datasheet HTML 7Page - Monolithic Power Systems MP5048 Datasheet HTML 8Page - Monolithic Power Systems MP5048 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MP5048
– 60V, 15A, 7mΩ RDS(ON) HOT-SWAP INTELLI-FUSE SOLUTION
MP5048 Rev. 1.1
www.MonolithicPower.com
2
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL APPLICATIONS
MP5048
VIN
VOUT
ON
IMON
FAULT
SS
CLREF
VTEMP
VCC
GND
CS
TIMER
RCS
CSS
RIMON
VIN
RCLREF
3V
3V
VCC
Figure 1: MP5048 Standalone Operation (Set RIMON ≥ RCS)
VIN
VOUT
VIN
VOUT
ON
IMON
FAULT
SS
CLREF
VTEMP
VCC
GND
CS
TIMER
MP5048
3V
MP5048
VIN
VOUT
ON
IMON
FAULT
SS
CLREF
VTEMP
VCC
GND
CS
TIMER
RCS
RCS
CSS
CSS
RIMON
RIMON
RIMON = RCS
MP5048
VIN
VOUT
ON
IMON
FAULT
SS
CLREF
VTEMP
VCC
GND
CS
TIMER
RCS
CSS
RIMON
VCC
ON
...
..
U1
U2
UN
3V
3V
3V
TIMER
VCC
Figure 2: MP5048 Parallel Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com