Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5048 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP5048
Description  60V, 15A, 7mΩ RDS(ON) Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5048 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP5048 Datasheet HTML 7Page - Monolithic Power Systems MP5048 Datasheet HTML 8Page - Monolithic Power Systems MP5048 Datasheet HTML 9Page - Monolithic Power Systems MP5048 Datasheet HTML 10Page - Monolithic Power Systems MP5048 Datasheet HTML 11Page - Monolithic Power Systems MP5048 Datasheet HTML 12Page - Monolithic Power Systems MP5048 Datasheet HTML 13Page - Monolithic Power Systems MP5048 Datasheet HTML 14Page - Monolithic Power Systems MP5048 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
MP5048
– 60V, 15A, 7mΩ RDS(ON) HOT-SWAP INTELLI-FUSE SOLUTION
MP5048 Rev. 1.1
www.MonolithicPower.com
11
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 48V, COUT = 1000µF, RCS = RIMON = 3.6kΩ, CTIMER = 10nF, TJ = 25°C, unless otherwise noted.
Shutdown through ON
IOUT = 0A
Shutdown through ON
IOUT = 15A
CH2: ON
2V/div.
CH1: VOUT
30V/div.
CH3: Fault
3V/div.
CH4: IIN
10A/div.
CH2: ON
2V/div.
CH1: VOUT
30V/div.
CH3: Fault
3V/div.
CH4: IIN
10A/div.
500ms/div.
500
μs/div.
OCP
ILIMIT = 18A
OCP
ILIMIT = 10A
CH2: TIMER
500mV/div.
CH1: VOUT
30V/div.
CH3: Fault
3V/div.
CH4: IIN
10A/div.
200
μs/div.
CH2: TIMER
500mV/div.
CH1: VOUT
30V/div.
CH3: Fault
3V/div.
CH4: IIN
10A/div.
200
μs/div.
OCP
ILIMIT = 18A, hiccup mode
SCP Entry (VIN Decreases Slowly)
CH2: TIMER
2V/div.
CH1: VOUT
30V/div.
CH3: Fault
3V/div.
CH4: IIN
10A/div.
100ms/div.
CH2: VIN
30V/div.
CH1: VOUT
30V/div.
CH3: Fault
3V/div.
CH4: IIN
20A/div.
20
μs/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com