Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5048 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP5048
Description  60V, 15A, 7mΩ RDS(ON) Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5048 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP5048 Datasheet HTML 16Page - Monolithic Power Systems MP5048 Datasheet HTML 17Page - Monolithic Power Systems MP5048 Datasheet HTML 18Page - Monolithic Power Systems MP5048 Datasheet HTML 19Page - Monolithic Power Systems MP5048 Datasheet HTML 20Page - Monolithic Power Systems MP5048 Datasheet HTML 21Page - Monolithic Power Systems MP5048 Datasheet HTML 22Page - Monolithic Power Systems MP5048 Datasheet HTML 23Page - Monolithic Power Systems MP5048 Datasheet HTML 24Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
MP5048
– 60V, 15A, 7mΩ RDS(ON) HOT-SWAP INTELLI-FUSE SOLUTION
MP5048 Rev. 1.1
www.MonolithicPower.com
21
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
APPLICATION INFORMATION
PCB Layout Guidelines
Efficient PCB layout is critical for optimal
performance.
A
4-layer
layout
is
strongly
recommended
to
achieve
better
thermal
performance. For the best results, refer to Figure
19 and follow the guidelines below:
1.
Place the MP5048
close to the board’s input
connector to minimize trace inductance.
2.
Place a small capacitor (CIN, 100nF) close to
the
MP5048’s VIN and GND pins to
minimize transients, which may occur on the
input supply line. Transients of several volts
can occur easily when the load current is
shut off.
3.
Place a 2.2µF capacitor as close to VCC as
possible.
4.
Keep the high-
current path from the board’s
input to load close to the return path, and in
parallel, to minimize loop inductance.
5.
An analog signal ground (AGND) plane is
used in the MP5048. Connect AGND to the
PCB power ground planes at a single point.
6.
If the MP5048 is paired with a hot-swap
controller, connect the reference ground of
all signal pins to the reference ground of the
controller.
VOUT
VOUT
VIN
17
16
11
12
9
10
8
7
23
22
25
24
26
27
6
18
21
13
28
VOUT
VIN
GND
TVS
CVCC
14
15
5
4
VIN
VIN
VOUT
1
2
3
29
30
20
19
AGND
Figure 19: Recommended PCB Layout (Placement and Top-Layer PCB)
VIN TVS: 5.0SMDJ51A
VOUT DIODE: B380-13-F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com