Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6345GS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD6345GS
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6345GS Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD6345GS Datasheet HTML 1Page - Renesas Technology Corp UPD6345GS Datasheet HTML 2Page - Renesas Technology Corp UPD6345GS Datasheet HTML 3Page - Renesas Technology Corp UPD6345GS Datasheet HTML 4Page - Renesas Technology Corp UPD6345GS Datasheet HTML 5Page - Renesas Technology Corp UPD6345GS Datasheet HTML 6Page - Renesas Technology Corp UPD6345GS Datasheet HTML 7Page - Renesas Technology Corp UPD6345GS Datasheet HTML 8Page - Renesas Technology Corp UPD6345GS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
©
1995
DATA SHEET
The
µPD6345 is a monolithic Bi-CMOS integrated Circuit designed to drive LED, Solenoid and Relay.
This device consists of an 8-bit shift register, latch and buffer with high voltage N-P-N Transistors (Open Collector).
Data is serially loaded into shift register on the positive-going transition of the clock. Parallel data is transferred to
the output buffers through the 8-bit latch while the latch enable input is high and latched when the latch enable is low.
When the output enable input is low, all outputs are off (High Impedance).
FEATURES
•
High Speed Serially-shifted Data Input.
•
Latches on all driver Outputs.
•
40 V Output Voltage Rating.
•
60 mA Output Sink Current.
•
Built in power supply voltage detection circuit.
•
Capable of connection to cascade additional device.
•
Wide Operating Temperature Range: –40 to +85
°C
•
Bi-CMOS STRUCTURE
ORDERING INFORMATION
Part Number
Package
µPD6345C
16 Pin Plastic DIP (300 mil)
µPD6345GS
16 Pin Plastic SOP (300 mil)
MOS INTEGRATED CIRCUIT
µPD6345
8 BIT SERIAL IN/PARALLEL OUT DRIVER
1988
Document No. IC-2166A (2nd edition)
(O.D. No. IC-5437A)
Date Published March 1997 P
Printed in Japan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com