Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6345GS Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPD6345GS
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6345GS Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPD6345GS Datasheet HTML 4Page - Renesas Technology Corp UPD6345GS Datasheet HTML 5Page - Renesas Technology Corp UPD6345GS Datasheet HTML 6Page - Renesas Technology Corp UPD6345GS Datasheet HTML 7Page - Renesas Technology Corp UPD6345GS Datasheet HTML 8Page - Renesas Technology Corp UPD6345GS Datasheet HTML 9Page - Renesas Technology Corp UPD6345GS Datasheet HTML 10Page - Renesas Technology Corp UPD6345GS Datasheet HTML 11Page - Renesas Technology Corp UPD6345GS Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
µPD6345
6
ELECTRICAL CHARACTERISTICS (RH
≤ 70 %, VSS = 0 V)
ITEM
SYMBOL
CONDITION
Ta = 25
°CTa = –40 to +85 °C
UNIT
VDD (V)
MIN. TYP. MAX. MIN. TYP. MAX.
High Level Input Voltage
VIH
5.0
3.5
2.4
3.5
V
6.0
4.2
4.2
Low Level Input Voltage
VIL
5.0
1.7
1.0
1.0
V
6.0
1.2
1.2
High Level Input Current
IIH
6.0
VIN = VDD
100
300
300
µA
Low Level Input Current
IIL
6.0
VIN = VSS
0.03
0.3
1
µA
High Level Output Voltage 1
VSOH1
5.0
ISOH = –250
µA
3.6
3.6
V
6.0
ISOH = –300
µA
4.3
4.3
High Level Output Voltage 2
VSOH2
5.0
ISOH = –10
µA
4.0
4.0
V
6.0
5.0
5.0
High Level Output Voltage 3
VSOH3
5.0
ISOH = –1
µA
3.3
3.3
V
6.0
4.0
4.0
Low Level Output Voltage
VSOL
5.0
ISOL = 8
µA
0.6
V
6.0
0.5
Low Level Output Voltage (Driver)
VOUT(L)
5.0
IOUT = 60
µA
0.45
0.8
1.0
V
High Level Output Leakage Current
IOHL
5.0
10
10
µA
Supply Current
IDD1
5.0
O1 – O8
0.25
0.5
1.0
mA
IDD2
5.0
23
35
40
Input Capacitance
CIN
—
6
15
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com