Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6345GS Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPD6345GS
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6345GS Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPD6345GS Datasheet HTML 3Page - Renesas Technology Corp UPD6345GS Datasheet HTML 4Page - Renesas Technology Corp UPD6345GS Datasheet HTML 5Page - Renesas Technology Corp UPD6345GS Datasheet HTML 6Page - Renesas Technology Corp UPD6345GS Datasheet HTML 7Page - Renesas Technology Corp UPD6345GS Datasheet HTML 8Page - Renesas Technology Corp UPD6345GS Datasheet HTML 9Page - Renesas Technology Corp UPD6345GS Datasheet HTML 10Page - Renesas Technology Corp UPD6345GS Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
5
µPD6345
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°C ± 2 °C)
Supply Voltage
VDD
–0.3 to 7.0
V
Input Voltage
VIN
–0.3 to VDD + 0.3
V
Input Current
VIN
±10
mA
Logic Output Voltage
VSO1
–0.3 to VDD + 0.3
V
Driver Output Voltage
VOUT2
–0.3 to 40
V
Driver Output Current
IOUT
100
mA
Logic Output Current
ISO
+10
mA
–5
Power Dissipation
PD
850 (DIP), 800 (SOP)
mW
Operating Temperature
Topt
–40 to + 85
°C
Storage Temperature
Tstg
–55 to +150
°C
RECOMMENDED OPERATING CONDITIONS
ITEM
SYMBOL
MIN.
TYP.
MAX.
UNIT
Operating Temperature
Topt
–40
+85
°C
Supply Voltage
VDD
4.0
5.0
6.0
V
Input Voltage
VIN
0VDD
V
High Level Input Voltage
VIH
0.7 VDD
VDD
V
Low Level Input Voltage
VIL
0
0.2 VDD
V
Clock Frequency
fSCK
8
MHz
Driver Output Voltage
VOUT
038
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com