Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6345GS Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPD6345GS
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6345GS Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPD6345GS Datasheet HTML 1Page - Renesas Technology Corp UPD6345GS Datasheet HTML 2Page - Renesas Technology Corp UPD6345GS Datasheet HTML 3Page - Renesas Technology Corp UPD6345GS Datasheet HTML 4Page - Renesas Technology Corp UPD6345GS Datasheet HTML 5Page - Renesas Technology Corp UPD6345GS Datasheet HTML 6Page - Renesas Technology Corp UPD6345GS Datasheet HTML 7Page - Renesas Technology Corp UPD6345GS Datasheet HTML 8Page - Renesas Technology Corp UPD6345GS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
µPD6345
2
PIN CONFIGURATION (Top View)
PIN IDENTIFICATION
Pin No.
Symbol
Pin name
Input/Output
Function
1
GND
Ground
—
Connection to Ground (GND) of system.
2
EN
Output Enable
Input
When this pin is low or open, all outputs are OFF, and data is output
during high.
3
LAT
Latch Enable
Input
When this pin is low or open, data is latched and data is through to
output during high.
4
SO
Serial data Output
Output
Serial data is output on positive-going transition of the clock.
In case of connection to cascade additional device (
µPD6345), this
pin will be connected to SIN terminal of additional device.
5 to 12
O8 to O1
Driver Output
Output
High Voltage and Current Driver Outputs.
13
SIN
Serial data Input
Input
Data is loaded to shift register on positive-going transition.
14
SCK
Clock
Input
Data of SIN is loaded to shift register on positive-going transition of
SCK. Also, serial data is output from SO on positive-going transition
of SCK.
15
RES
Reset
Input
When this pin is low or open, data of shift register is all cleared, and
this device operate normally during high.
16
VDD
Power Supply
—
Normally supply 5 V.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VSS
EN
LAT
SO
O8
O7
O6
O5
VDD
RES
SCK
SIN
O1
O2
O3
O4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com