Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6345GS Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # UPD6345GS
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6345GS Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button UPD6345GS Datasheet HTML 10Page - Renesas Technology Corp UPD6345GS Datasheet HTML 11Page - Renesas Technology Corp UPD6345GS Datasheet HTML 12Page - Renesas Technology Corp UPD6345GS Datasheet HTML 13Page - Renesas Technology Corp UPD6345GS Datasheet HTML 14Page - Renesas Technology Corp UPD6345GS Datasheet HTML 15Page - Renesas Technology Corp UPD6345GS Datasheet HTML 16Page - Renesas Technology Corp UPD6345GS Datasheet HTML 17Page - Renesas Technology Corp UPD6345GS Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
µPD6345
12
APPLICATION CIRCUIT
(1)
Driving of Solenoid
(2)
Driving of Solenoid for High Current
to 40 V
+5 V
EN
LAT
SIN
SCK
RES
EN
LAT
SO
SCK
RES
VDD
VDD
O1
O2
O8
1 chip
CPU
VSS
VSS
µPD6345
Solenoid
(to 60 mA)
VCC
VDD
to 40 V
+5 V
VCC
VDD
Solenoid
(a few Ampere)
R
Tr
Tr
R
R
Tr
EN
LAT
SIN
SCK
RES
VDD
O1
O2
O8
VSS
µPD6345
1 chip
CPU
VDD
VSS
EN
LAT
SO
SCK
RES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com