Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6345GS Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPD6345GS
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6345GS Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPD6345GS Datasheet HTML 5Page - Renesas Technology Corp UPD6345GS Datasheet HTML 6Page - Renesas Technology Corp UPD6345GS Datasheet HTML 7Page - Renesas Technology Corp UPD6345GS Datasheet HTML 8Page - Renesas Technology Corp UPD6345GS Datasheet HTML 9Page - Renesas Technology Corp UPD6345GS Datasheet HTML 10Page - Renesas Technology Corp UPD6345GS Datasheet HTML 11Page - Renesas Technology Corp UPD6345GS Datasheet HTML 12Page - Renesas Technology Corp UPD6345GS Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
7
µPD6345
SWITCHING CHARACTERISTICS
(Ta = 25
°C, VDD = 5 V, CL = 15 pF, R (On) = 300 Ω, VOUT = 12 V, tr = tf = 6 ns)
ITEM
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
tPLH1
SCK
→ SO (High Level)
20
100
ns
tPLH2
SCK
→ Driver Output (High Level)
20
1
µs
tPHL1
SCK
→ SO (Low Level)
100
ns
Propagation Delay Time
tPHL2
SCK
→Driver Output (Low Level)
1
µs
tPHL3
RESET
→ SO
100
ns
tPHL/PLH4
Output Enable
→ Driver Output
1
µs
tPHL/PLH5
Latch Enable
→ Driver Output
1
µs
Clock Transition Time
tr
SCK
70
µs
tf
Maximum Clock Frequency
fmax
13
8
MHz
Minimum Data Setup Time
tSETUP
20
10
ns
Minimum Data Hold Time
tHOLD
20
10
ns
Minimum Reset Pulse Width
PWRESET
62.5
10
ns
Minimum Output Enable Pulse Width PWENABLE
1
0.55
µs
Minimum Latch Enable Pulse Width
PWLATCH
62.5
38
ns
Clock Pulse Width
PWSCK
38
62.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com