Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16331 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP16331
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP16331 Datasheet HTML 16Page - Microchip Technology MCP16331 Datasheet HTML 17Page - Microchip Technology MCP16331 Datasheet HTML 18Page - Microchip Technology MCP16331 Datasheet HTML 19Page - Microchip Technology MCP16331 Datasheet HTML 20Page - Microchip Technology MCP16331 Datasheet HTML 21Page - Microchip Technology MCP16331 Datasheet HTML 22Page - Microchip Technology MCP16331 Datasheet HTML 23Page - Microchip Technology MCP16331 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
MCP16331
DS20005308D-page 20
 2014-2021 Microchip Technology Inc.
5.4
Input Capacitor Selection
The step-down converter input capacitor must filter the
high input current ripple as a result of pulsing or chopping
the input voltage. The MCP16331 input voltage pin is
used to supply voltage for the power train and as a
source for internal bias. A low Equivalent Series
Resistance (ESR), preferably a ceramic capacitor, is
recommended. The necessary capacitance is dependent
upon the maximum load current and source impedance.
Three capacitor parameters to keep in mind are the
voltage rating, Equivalent Series Resistance and the
temperature rating. For wide temperature range
applications, a multilayer X7R dielectric is mandatory,
while for applications with limited temperature range, a
multilayer X5R dielectric is acceptable. Typically, input
capacitance between 4.7 µF and 20 µF is sufficient for
most applications.
The input capacitor voltage rating should be a minimum
of VIN plus margin. Table 5-2 contains the recommended
range for the input capacitor value.
5.5
Output Capacitor Selection
The output capacitor helps in providing a stable output
voltage during sudden load transients and reduces the
output voltage ripple. As with the input capacitor, X5R
and X7R ceramic capacitors are well suited for this
application.
The amount and type of output capacitance, as well as
the Equivalent Series Resistance will have a significant
effect on the output ripple voltage and system stability.
The range of the output capacitance is limited due to
the integrated compensation of the MCP16331.
The output capacitor voltage rating should be minimum
VOUT plus margin. Table 5-2 contains the recom-
mended range for the input and output capacitor value:
5.6
Inductor Selection
The MCP16331 is designed to be used with small
surface
mount
(SMT/SMD)
inductors.
Several
specifications should be considered prior to selecting
an inductor. To optimize system performance, the
inductance value is determined based on the output
voltage (Table 5-1), so the inductor current ripple is
somewhat constant over the output voltage range. The
inductor current ripple can be calculated using
Equation 5-4.
EQUATION 5-4:
INDUCTOR CURRENT
RIPPLE
EXAMPLE 5-3:
EQUATION 5-5:
INDUCTOR PEAK
CURRENT
In case of the aforementioned example, an inductor sat-
uration rating higher than 660 mA is recommended. Low
DCR inductors result in higher system efficiency. A
trade-off between size, cost and efficiency should be
made to achieve the desired results.
TABLE 5-2:
CAPACITOR VALUE RANGE
Parameter
Min.
Max.
CIN
4.7 µF
None
COUT
20 µF
—
IL
VIN VOUT
–
L
----------------------------tON
=
VIN =12V
VOUT =3.3V
IOUT =500 mA
ILPK
I
L
2
--------
IOUT
+
=
Inductor Current Ripple = 319 mA
Peak Inductor Current = 660 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com