Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16331 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP16331
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP16331 Datasheet HTML 17Page - Microchip Technology MCP16331 Datasheet HTML 18Page - Microchip Technology MCP16331 Datasheet HTML 19Page - Microchip Technology MCP16331 Datasheet HTML 20Page - Microchip Technology MCP16331 Datasheet HTML 21Page - Microchip Technology MCP16331 Datasheet HTML 22Page - Microchip Technology MCP16331 Datasheet HTML 23Page - Microchip Technology MCP16331 Datasheet HTML 24Page - Microchip Technology MCP16331 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
 2014-2021 Microchip Technology Inc.
DS20005308D-page 21
MCP16331
TABLE 5-3:
MCP16331 RECOMMENDED
INDUCTORS FOR VOUT = 3.3V
Part Number
Size
WxLxH (mm)
Coilcraft®
ME3220-153
15
0.52
0.90
3.2x2.5x2.0
LPS4414-153
15
0.440
0.92
4.4x4.4x1.4
LPS6235-153
15
0.125
2.00
6.2x6.2x3.5
MSS6132-153
15
0.106
1.56
6.1x6.1x3.2
MSS7341-153
15
0.055
1.78
6.6x6.6x4.1
LPS3015-153
15
0.700
0.62
3.0x3.0x1.5
Wurth Elektronik®
74408942150
15
0.245
1.6
4.8x4.8x2.8
74437324150
15
0.375
2.1
4.06x4.45x1.8
74438356150
15
0.230
2.1
4.1x4.1x2.1
744025150
15
0.400 0.900
2.8x2.8x2.8
744042150
15
0.22
0.75
4.8x4.8x1.8
7447779115
15
0.081
2.2
7.3x7.3x4.5
TDK - EPCOS®
VLS3012HBX-15
0M
15
0.636
1.52
3.0x3.0x1.2
VLS3015CX-150
M-H
15
0.428
0.57
3.0x3.0x1.5
VLS5045EX-150
M-H
15
0.110
2.2
5.0x5.3x4.5
B82462G4153M0
00
15
0.097
1.05
6.3x6.3x3.0
Eaton®
SD12-150R
15
0.408 0.692
5.2x5.2x1.2
SD3118-150-R
15
0.44
0.75
3.2x3.2x1.8
SD52-150-R
15
0.161
0.88
5.2x5.5.2.0
Sumida®
CDPH4D19FNP-
150MC
15
0.075
0.66
5.2x5.2x2.0
CDRH3D28NP-1
50NC
15
0.170
0.9
4.0x4.0x3.0
TABLE 5-4:
MCP16331 RECOMMENDED
INDUCTORS FOR VOUT = 5V
Part Number
Size
WxLxH (mm)
Coilcraft®
ME3220-223
22
0.787 0.71
3.2x2.5x2.0
LPS4414-223
22
0.59
0.74
4.4x4.4x1.4
LPS6235-223
22
0.145
1.7
6.2x6.2x3.5
MSS6132-223
22
0.158 1.22
6.1x6.1x3.2
MSS7341-223
22
0.082 1.42
6.6x6.6x4.1
LPS3015-223
22
0.825
0.5
3.0x3.0x1.5
Wurth Elektronik®
74408942220
22
0.354
1.3
4.8x4.8x2.8
74437324220
22
0.500
2.0
4.06x4.45x1.8
74438356220
22
0.280 1.85
4.1x4.1x2.1
744025220
22
0.575 0.75
2.8x2.8x2.8
744042220
22
0.3
0.6
4.8x4.8x1.8
7447779122
22
0.11
1.7
7.3x7.3x4.5
TDK - EPCOS®
VLS3012HBX-22
0M
22
0.761 1.09
3.0x3.0x1.2
VLS3015CX-220
M-H
22
0.660 0.45
3.0x3.0x1.5
VLS5045EX-150
M-H
22
0.162
2.0
5.0x5.3x4.5
82462G4223M00
0
22
0.15
0.85
6.3x6.3x3.0
Eaton®
SD12-220-R
22
0.633 0.574
5.2x5.2x1.2
SD3118-220-R
22
0.676 0.61
3.2x3.2x1.8
SD52-220-R
22
0.204 0.73
5.2x5.2x2.0
Sumida®
CDPH4D19FNP-2
20MC
22
0.135 0.54
5.2x5.2x2.0
CDRH3D16/HPN
P-220MC
22
0.61
0.55
4.0x4.0x1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com